Electronic Components Datasheet Search
  English  ▼

X  

BFP720F Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BFP720F
Description  C Heterojunction Wideband RF Bipolar Transistor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP720F Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BFP720F Datasheet HTML 6Page - Infineon Technologies AG BFP720F Datasheet HTML 7Page - Infineon Technologies AG BFP720F Datasheet HTML 8Page - Infineon Technologies AG BFP720F Datasheet HTML 9Page - Infineon Technologies AG BFP720F Datasheet HTML 10Page - Infineon Technologies AG BFP720F Datasheet HTML 11Page - Infineon Technologies AG BFP720F Datasheet HTML 12Page - Infineon Technologies AG BFP720F Datasheet HTML 13Page - Infineon Technologies AG BFP720F Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
BFP720F
Maximum Ratings
Data Sheet
10
Revision 1.0, 2009-03-13
3
Maximum Ratings
Note: Exceeding only one of the above maximum rating limits even for a short moment may cause permanent
damage to the device. Even if the device continues to operate, its lifetime may be considerably shortened.
Maximum ratings are stress ratings only and do not mean unaffected functional operation and lifetime at
others than standard operation conditions.
Table 3
Maximum Ratings at
T
A = 25°C (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Max.
Collector-emitter voltage
V
CEO
–4.0
V
T
A = -55 °C
–
3.5
Collector-emitter voltage
V
CES
–13
V
Collector-base voltage
V
CBO
–13
V
Emitter-base voltage
V
EBO
–1.2
V
Collector current
I
C
–25
mA
Base current
I
B
–2
mA
Total power dissipation1)
1) TS is the soldering temperature. TS measured on the emitter lead at the soldering point of the pcb.
P
tot
–
100
mW
T
S ≤ 109 °C
Operation junction temperature
T
JOp
-55
150
°C
Storage temperature
T
Stg
-55
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com