Electronic Components Datasheet Search
  English  ▼

X  

BFP720F Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # BFP720F
Description  C Heterojunction Wideband RF Bipolar Transistor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP720F Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button BFP720F Datasheet HTML 12Page - Infineon Technologies AG BFP720F Datasheet HTML 13Page - Infineon Technologies AG BFP720F Datasheet HTML 14Page - Infineon Technologies AG BFP720F Datasheet HTML 15Page - Infineon Technologies AG BFP720F Datasheet HTML 16Page - Infineon Technologies AG BFP720F Datasheet HTML 17Page - Infineon Technologies AG BFP720F Datasheet HTML 18Page - Infineon Technologies AG BFP720F Datasheet HTML 19Page - Infineon Technologies AG BFP720F Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
BFP720F
Electrical Characteristics
Data Sheet
16
Revision 1.0, 2009-03-13
Associated Gain
G
ass
–24
–
I
C =5mA
Linearity
dBm
Z
S = ZL =50 Ω
1 dB Gain Compression Point
OP
1dB
–6
–
I
C =13mA
3rd Order Intercept Point
OIP
3
–21
–
I
C =13mA
Table 11
AC Characteristics,
V
CE = 3 V, f = 1.9 GHz
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Maximum Power Gain
dB
Low Noise Operation Point
G
ms
–23
–
I
C =5mA
High Linearity Operation Point
G
ms
–26.5
–
I
C =13mA
Transducer Gain
dB
Z
S = ZL =50 Ω
Low Noise Operation Point
S
21
–21
–
I
C =5mA
High Linearity Operation Point
S
21
–24.5
–
I
C =13mA
Minimum Noise Figure
dB
Z
S = Zopt
Minimum Noise Figure
NF
min
–0.5
–
I
C =5mA
Associated Gain
G
ass
–23
–
I
C =5mA
Linearity
dBm
Z
S = ZL =50 Ω
1 dB Gain Compression Point
OP
1dB
–6.5
–
I
C =13mA
3rd Order Intercept Point
OIP
3
–21
–
I
C =13mA
Table 12
AC Characteristics,
V
CE = 3 V, f = 2.4 GHz
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Maximum Power Gain
dB
Low Noise Operation Point
G
ms
–22
–
I
C =5mA
High Linearity Operation Point
G
ms
–25.5
–
I
C =13mA
Transducer Gain
dB
Z
S = ZL =50 Ω
Low Noise Operation Point
S
21
–20.5
–
I
C =5mA
High Linearity Operation Point
S
21
–23
–
I
C =13mA
Minimum Noise Figure
dB
Z
S = Zopt
Minimum Noise Figure
NF
min
–0.55
–
I
C =5mA
Associated Gain
G
ass
–22
–
I
C =5mA
Linearity
dBm
Z
S = ZL =50 Ω
1 dB Gain Compression Point
OP
1dB
–6
–
I
C =13mA
3rd Order Intercept Point
OIP
3
–21
–
I
C =13mA
Table 10
AC Characteristics,
V
CE = 3 V, f = 1.5 GHz (cont’d)
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com