Electronic Components Datasheet Search
  English  ▼

X  

BCR401R Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BCR401R
Description  LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR401R Datasheet(HTML) 5 Page - Infineon Technologies AG

  BCR401R Datasheet HTML 1Page - Infineon Technologies AG BCR401R Datasheet HTML 2Page - Infineon Technologies AG BCR401R Datasheet HTML 3Page - Infineon Technologies AG BCR401R Datasheet HTML 4Page - Infineon Technologies AG BCR401R Datasheet HTML 5Page - Infineon Technologies AG BCR401R Datasheet HTML 6Page - Infineon Technologies AG BCR401R Datasheet HTML 7Page - Infineon Technologies AG BCR401R Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2009-11-13
5
BCR401R
Supply current versus supply voltage
IS = f(VS)
Load: two LEDs with
VF = 3.8V in series
0
2
4
6
8
10
12
14
16
V
20
VS
-5
10
-4
10
-3
10
A
Output current versus supply voltage
Iout = f (VS); Rext = Parameter
Load: two LEDs with
VF = 3.8V in series
0
2
4
6
8
10
12
14
16
V
20
VS
-3
10
-2
10
-1
10
A
Rext = 36 Ohm
Rext = 82 Ohm
Rext = 160 Ohm
Rext = open
Output current versus reference voltage
Iout = f (VDROP); VS = 10V; Vout = 7.6V
0.6
0.65
0.7
0.75
0.8
0.85
0.9
V
1
Vdrop
-5
10
-4
10
-3
10
-2
10
-1
10
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com