Electronic Components Datasheet Search
  English  ▼

X  

BCR401R Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BCR401R
Description  LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR401R Datasheet(HTML) 1 Page - Infineon Technologies AG

  BCR401R Datasheet HTML 1Page - Infineon Technologies AG BCR401R Datasheet HTML 2Page - Infineon Technologies AG BCR401R Datasheet HTML 3Page - Infineon Technologies AG BCR401R Datasheet HTML 4Page - Infineon Technologies AG BCR401R Datasheet HTML 5Page - Infineon Technologies AG BCR401R Datasheet HTML 6Page - Infineon Technologies AG BCR401R Datasheet HTML 7Page - Infineon Technologies AG BCR401R Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2009-11-13
1
BCR401R
LED Driver
Features
• LED drive current of 10mA
• Output current adjustable up to 60mA with
external resistor
• Supply voltage up to 18V
• Easy paralleling of drivers to increase current
• Low voltage overhead of 1.2V
• High current accuracy at supply voltage variation
• No EMI
• Reduced output current at higher temperatures - negative thermal coefficient of -0.3% / K
• RoHS compliant (pb-free) SOT143R package
• Qualified according AEC Q101
Applications
• Channel letters for advertising, LED strips for decorative lighting
• Aircraft, train, ship illumination
• Retrofits for general lighting, white goods like refrigerator lighting
• Medical lighting
1
2
4
3
General Description
The BCR401R is a cost efficient LED driver to drive low power LED’s. The advantages
towards resistor biasing are:
• homogenous light output despite varying forward voltages in different LED strings
• homogenous light output of LED’s despite voltage drop across long supply lines
• homogenous light output independent from supply voltage variations
• longer lifetime of the LED’s due to reduced output current at higher temperatures
(negative thermal coefficient)
The advantages towards discrete solutions are:
• lower assembly cost
• smaller form factor
• better quality due to less soldering points
• higher output current accuracy due to pretested LED drivers
Dimming is possible by using an external digital transistor at the ground pin.
The BCR401R can be operated at higher supply voltages by putting LED’s between the
power supply +VS and the power supply pin of the LED driver. You can find further details
in the application note AN066.
The BCR401R is a perfect fit for numerous low power LED applications by combining small
form factor with low cost. These LED drivers offer several advantages to resistors like
significantly higher current control at very low voltage drop ensuring high lifetime of LED’s.


Similar Part No. - BCR401R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR401R INFINEON-BCR401R Datasheet
42Kb / 3P
LED Driver(Supplies stable bias current even at low battery voltage)
Aug-29-2001
BCR401R INFINEON-BCR401R Datasheet
197Kb / 8P
Light Emitting Diode (LED) Driver IC Provides Constant LED Current Independent of Supply Voltage Variation
16-Jan-2004
More results

Similar Description - BCR401R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
LED DRIVER
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
LED Driver
logo
AIMTEC
AMLB-1810IZ AIMTEC-AMLB-1810IZ Datasheet
338Kb / 3P
LED Driver
AMLDW-6070-RZ AIMTEC-AMLDW-6070-RZ Datasheet
308Kb / 3P
LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com