Electronic Components Datasheet Search
  English  ▼

X  

BCR401R Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BCR401R
Description  LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR401R Datasheet(HTML) 6 Page - Infineon Technologies AG

  BCR401R Datasheet HTML 1Page - Infineon Technologies AG BCR401R Datasheet HTML 2Page - Infineon Technologies AG BCR401R Datasheet HTML 3Page - Infineon Technologies AG BCR401R Datasheet HTML 4Page - Infineon Technologies AG BCR401R Datasheet HTML 5Page - Infineon Technologies AG BCR401R Datasheet HTML 6Page - Infineon Technologies AG BCR401R Datasheet HTML 7Page - Infineon Technologies AG BCR401R Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2009-11-13
6
BCR401R
Application Circuit:
supply voltages >18V
Standard Application Circuit:
V d r o p
B C R 4 0 1 R
R e x t
3
4
2
1
+ V s
I s
I o u t
Rsense
(optional)
Vsupply
BCR401R
BCR402R
LEDs
Vs
GND
Rext
Iout
LEDs
IOUT
IOUT + IDRIVER
IDRIVER
Application hints
BCR401R serves as an easy to use constant current source for LEDs. In stand alone
application an external resistor can be connected to adjust the current from 10 mA to 60 mA.
Rext can be determined by using the diagram 'Output current versus external resistor',
or by refering to diagram 'Output current versus reference voltage'. Look for your desired
output current on the y axis and read out the corresponding Vdrop. Calculate Rext:
Rext = Vdrop / (Iout -(Vdrop/Rint))
Please take into account that the resulting output currents will be slightly lower due to the
self heating of the component and the negative thermal coefficient.
Please visit our web site for application notes: www.infineon.com/lowcostleddriver
• AN066 explains the basic concept
• AN077 gives hints to thermal design
• AN159 provides information how to add a power transistor to increase the output current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com