Electronic Components Datasheet Search
  English  ▼

X  

BSP299 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSP299
Description  SIPMOS Small-Signal Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP299 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BSP299 Datasheet HTML 2Page - Infineon Technologies AG BSP299 Datasheet HTML 3Page - Infineon Technologies AG BSP299 Datasheet HTML 4Page - Infineon Technologies AG BSP299 Datasheet HTML 5Page - Infineon Technologies AG BSP299 Datasheet HTML 6Page - Infineon Technologies AG BSP299 Datasheet HTML 7Page - Infineon Technologies AG BSP299 Datasheet HTML 8Page - Infineon Technologies AG BSP299 Datasheet HTML 9Page - Infineon Technologies AG BSP299 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Rev 2.1
6
2009-03-25
BSP 299
Typ. output characteristics
ID = ƒ(VDS)
parameter: V
GS
, Tj = 25 °C
0
2
4
6
8
10
12
V
16
V
DS
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
A
0.9
I
D
V
GS
[V]
a
a
4.0
b
b
4.5
c
c
5.0
d
d
5.5
e
e
6.0
f
f
6.5
g
g
7.0
h
h
7.5
i
i
8.0
j
j
9.0
k
k
10.0
l
Ptot = 2W
l
20.0
Typ. drain-source on-resistance
RDS (on) = ƒ(ID)
parameter: V
GS
, Tj = 25 °C
0.00
0.10
0.20
0.30
0.40
A
0.60
I
D
0
1
2
3
4
5
6
7
8
9
10
11
Ω
13
R
DS (on)
VGS [V] =
a
a
4.0
b
b
4.5
c
c
5.0
d
d
5.5
e
e
6.0
f
f
6.5
g
g
7.0
h
h
7.5
i
i
8.0
j
j
9.0
k
k
10.0
l
l
20.0
Typ. transfer characteristics ID = f(VGS)
parameter: tp = 80 µs
0
1
2
3
4
5
6
7
8
V
10
V
GS
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
A
2.6
I
D
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 µs,
0.0
0.4
0.8
1.2
1.6
A
2.2
I
D
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
S
2.6
g
fs
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
02468
10
12
14
A
5V
4.5V
4V
V
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
0
0.1
0.2
0.3
0.4
0.5
0.6
4V
4.5V
10V
A
I
D
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
02
46
8
10
12
14
A
10V
4.5V
4V
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com