Electronic Components Datasheet Search
  English  ▼

X  

BSP299 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BSP299
Description  SIPMOS Small-Signal Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP299 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BSP299 Datasheet HTML 2Page - Infineon Technologies AG BSP299 Datasheet HTML 3Page - Infineon Technologies AG BSP299 Datasheet HTML 4Page - Infineon Technologies AG BSP299 Datasheet HTML 5Page - Infineon Technologies AG BSP299 Datasheet HTML 6Page - Infineon Technologies AG BSP299 Datasheet HTML 7Page - Infineon Technologies AG BSP299 Datasheet HTML 8Page - Infineon Technologies AG BSP299 Datasheet HTML 9Page - Infineon Technologies AG BSP299 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Rev 2.1
8
2009-03-25
BSP 299
Avalanche energy E
AS = ƒ(Tj)
parameter: ID = 1.2 A, VDD = 50 V
RGS = 25 Ω, L = 163 mH
20
40
60
80
100
120
°C
160
T
j
0
10
20
30
40
50
60
70
80
90
100
110
120
mJ
140
E
AS
Drain-source breakdown voltage
V(BR)DSS = ƒ(Tj)
-60
-20
20
60
100
°C
160
T
j
450
460
470
480
490
500
510
520
530
540
550
560
570
580
V
600
V
(BR)DSS
Safe operating area ID=f(VDS)
parameter : D = 0.01, TC=25°C
0
2
4
6
8
10
12
14
16
05
10
15
20
Safe operating area ID=f(VDS)
parameter : D = 0.01, TC=25°C
Typ. gate charge
V
GS
=f(Q
gate
); I
D
=0.4 A pulsed
Safe operating area ID=f(VDS)
parameter : D = 0.01, TC=25°
VDD =200 V
V
nC
Q
gate
V
GS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com