Electronic Components Datasheet Search
  English  ▼

X  

IR3507Z Datasheet(PDF) 2 Page - International Rectifier

Part # IR3507Z
Description  XPHASE3TM PHASE IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3507Z Datasheet(HTML) 2 Page - International Rectifier

  IR3507Z Datasheet HTML 1Page - International Rectifier IR3507Z Datasheet HTML 2Page - International Rectifier IR3507Z Datasheet HTML 3Page - International Rectifier IR3507Z Datasheet HTML 4Page - International Rectifier IR3507Z Datasheet HTML 5Page - International Rectifier IR3507Z Datasheet HTML 6Page - International Rectifier IR3507Z Datasheet HTML 7Page - International Rectifier IR3507Z Datasheet HTML 8Page - International Rectifier IR3507Z Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
IR3507Z
Page 2 of 19
IR Confidential
April 2, 2009
ORDERING INFORMATION
Part Number
Package
Order Quantity
IR3507ZMTRPBF
20 Lead MLPQ
(4 x 4 mm body)
3000 per reel
* IR3507ZMPBF
20 Lead MLPQ
(4 x 4 mm body)
100 piece strips
* Samples only
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. These are stress ratings only and functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specifications are not implied.
Operating Junction Temperature…………….. 0 to 150
oC
Storage Temperature Range………………….-65
oC to 150oC
ESD Rating………………………………………HBM Class 1C JEDEC Standard
MSL Rating………………………………………2
Reflow Temperature…………………………….260
oC
Note:
1. Maximum GATEH – SW = 8V
2. Maximum BOOST – GATEH = 8V
PIN #
PIN NAME
VMAX
VMIN
ISOURCE
ISINK
1
IOUT
8V
-0.3V
1mA
1mA
2
PSI
8V
-0.3V
1mA
1mA
3
DACIN
3.3V
-0.3V
1mA
1mA
4
LGND
n/a
n/a
n/a
n/a
5
PHSIN
8V
-0.3V
1mA
1mA
6
NC
n/a
n/a
n/a
n/a
7
PHSOUT
8V
-0.3V
2mA
2mA
8
CLKIN
8V
-0.3V
1mA
1mA
9
PGND
0.3V
-0.3V
5A for 100ns,
200mA DC
n/a
10
GATEL
8V
-0.3V DC, -5V for
100ns
5A for 100ns,
200mA DC
5A for 100ns,
200mA DC
11
NC
n/a
n/a
n/a
n/a
12
VCCL
8V
-0.3V
n/a
5A for 100ns,
200mA DC
13
BOOST
40V
-0.3V
1A for 100ns,
100mA DC
3A for 100ns,
100mA DC
14
GATEH
40V
-0.3V DC, -5V for
100ns
3A for 100ns,
100mA DC
3A for 100ns,
100mA DC
15
SW
34V
-0.3V DC, -5V for
100ns
3A for 100ns,
100mA DC
n/a
16
VCC
34V
-0.3V
n/a
10mA
17
CSIN+
8V
-0.3V
1mA
1mA
18
CSIN-
8V
-0.3V
1mA
1mA
19
EAIN
8V
-0.3V
1mA
1mA
20
NC
n/a
n/a
n/a
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com