Electronic Components Datasheet Search
  English  ▼

X  

IR3507Z Datasheet(PDF) 13 Page - International Rectifier

Part # IR3507Z
Description  XPHASE3TM PHASE IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3507Z Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3507Z Datasheet HTML 9Page - International Rectifier IR3507Z Datasheet HTML 10Page - International Rectifier IR3507Z Datasheet HTML 11Page - International Rectifier IR3507Z Datasheet HTML 12Page - International Rectifier IR3507Z Datasheet HTML 13Page - International Rectifier IR3507Z Datasheet HTML 14Page - International Rectifier IR3507Z Datasheet HTML 15Page - International Rectifier IR3507Z Datasheet HTML 16Page - International Rectifier IR3507Z Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
IR3507Z
Page 13 of 19
IR Confidential
April 2, 2009
PSI
PHSIN
GATEH
GATEL
ANTI-BIAS LATCH
ENSURES GATEH
TURNS ON FIRST
PSI DE-ASSERT
PSI ASSERT
Figure 7: PSI assertion and De-assertion
Debugging Mode
If CSIN+ pin is pulled up to VCCL voltage, IR3507Z enters into debugging mode. Both drivers are pulled low and
IOUT output is disconnected from the current share bus, which isolates this phase IC from other phases.
However, the phase timing from PHSIN to PHSOUT does not change.
Emulated Bootstrap Diode
IR3507Z integrates a PFET to emulate the bootstrap diode. If two or more top MOSFETs are to be driven at higher
switching frequency, an external bootstrap diode connected from VCCL pin to BOOST pin may be needed.
AFTER
OVP
FAULT
LATCH
130mV
OUTPUT
VOLTAGE
(VO)
OVP
THRESHOLD
VCCL-800 mV
OVP CONDITION
NORMAL OPERATION
IOUT(ISHARE)
GATEL
(PHASE IC)
GATEH
(PHASE IC)
VDAC
ERROR
AMPLIFIER
OUTPUT
(EAOUT)
Figure 8: Over-voltage protection waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com