Electronic Components Datasheet Search
  English  ▼

X  

IR3507Z Datasheet(PDF) 3 Page - International Rectifier

Part # IR3507Z
Description  XPHASE3TM PHASE IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3507Z Datasheet(HTML) 3 Page - International Rectifier

  IR3507Z Datasheet HTML 1Page - International Rectifier IR3507Z Datasheet HTML 2Page - International Rectifier IR3507Z Datasheet HTML 3Page - International Rectifier IR3507Z Datasheet HTML 4Page - International Rectifier IR3507Z Datasheet HTML 5Page - International Rectifier IR3507Z Datasheet HTML 6Page - International Rectifier IR3507Z Datasheet HTML 7Page - International Rectifier IR3507Z Datasheet HTML 8Page - International Rectifier IR3507Z Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
IR3507Z
Page 3 of 19
IR Confidential
April 2, 2009
RECOMMENDED OPERATING CONDITIONS FOR RELIABLE OPERATION WITH MARGIN
8.0V ≤ VCC ≤ 28V, 4.75V ≤ VCCL ≤ 7.5V, 0
oC ≤ T
J ≤ 125
oC. 0.5V ≤ V(DACIN) ≤ 1.6V, 500kHz ≤ CLKIN ≤ 9MHz, 250kHz
≤ PHSIN ≤1.5MHz
ELECTRICAL CHARACTERISTICS
The electrical characteristics involve the spread of values guaranteed within the recommended operating conditions.
Typical values represent the median values, which are related to 25°C.
CGATEH = 3.3nF, CGATEL = 6.8nF (unless otherwise specified).
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Gate Drivers
GATEH Source Resistance
BOOST – SW = 7V. Note 1
1.0
2.5
Ω
GATEH Sink Resistance
BOOST – SW = 7V. Note 1
1.0
2.5
Ω
GATEL Source Resistance
VCCL – PGND = 7V. Note 1
1.0
2.5
Ω
GATEL Sink Resistance
VCCL – PGND = 7V. Note 1
0.4
1.0
Ω
GATEH Source Current
BOOST=7V, GATEH=2.5V, SW=0V.
2.0
A
GATEH Sink Current
BOOST=7V, GATEH=2.5V, SW=0V.
2.0
A
GATEL Source Current
VCCL=7V, GATEL=2.5V, PGND=0V.
2.0
A
GATEL Sink Current
VCCL=7V, GATEL=2.5V, PGND=0V.
4.0
A
GATEH Rise Time
BOOST – SW = 7V, measure 1V to 4V
transition time
5
10
ns
GATEH Fall Time
BOOST – SW = 7V, measure 4V to 1V
transition time
5
10
ns
GATEL Rise Time
VCCL – PGND = 7V, Measure 1V to 4V
transition time
10
20
ns
GATEL Fall Time
VCCL – PGND = 7V, Measure 4V to 1V
transition time
5
10
ns
GATEL low to GATEH high
delay
BOOST = VCCL = 7V, SW = PGND = 0V,
measure time from GATEL falling to 1V to
GATEH rising to 1V
10
20
40
ns
GATEH low to GATEL high
delay
BOOST = VCCL = 7V, SW = PGND = 0V,
measure time from GATEH falling to 1V to
GATEL rising to 1V
10
20
40
ns
Disable Pull-Down
Resistance
Note 1
30
80
130
kΩ
Clock
CLKIN Threshold
Compare to V(VCCL)
40
45
57
%
CLKIN Bias Current
CLKIN = V(VCCL)
-0.5
0.0
0.5
µA
CLKIN Phase Delay
Measure time from CLKIN<1V to GATEH>1V
40
75
125
ns
PHSIN Threshold
Compare to V(VCCL)
35
50
55
%
PHSOUT Propagation
Delay
Measure time from CLKIN > (VCCL * 50% )
to PHSOUT > (VCCL *50%), 10pF Load
@125
oC
4
15
35
ns
PHSIN Pull-Down
Resistance
30
100
170
kΩ
PHSOUT High Voltage
I(PHSOUT) = -10mA, measure VCCL –
PHSOUT
1
0.6
V
PHSOUT Low Voltage
I(PHSOUT) = 10mA
0.4
1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com