Electronic Components Datasheet Search
  English  ▼

X  

IR3507MPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IR3507MPBF
Description  XPHASE3TM PHASE IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3507MPBF Datasheet(HTML) 4 Page - International Rectifier

  IR3507MPBF Datasheet HTML 1Page - International Rectifier IR3507MPBF Datasheet HTML 2Page - International Rectifier IR3507MPBF Datasheet HTML 3Page - International Rectifier IR3507MPBF Datasheet HTML 4Page - International Rectifier IR3507MPBF Datasheet HTML 5Page - International Rectifier IR3507MPBF Datasheet HTML 6Page - International Rectifier IR3507MPBF Datasheet HTML 7Page - International Rectifier IR3507MPBF Datasheet HTML 8Page - International Rectifier IR3507MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
IR3507PbF
Page 4 of 19
IR Confidential
April 2, 2009
NOT RECOMMENDED FOR NEW DESIGNS
REPLACEMENT PRODUCT – IR3507ZPBF
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
PWM Comparator
PWM Ramp Slope
Vin=12V
42
52.5
57
mV/
%DC
Input Offset Voltage
Note 1
-5
0
5
mV
EAIN Bias Current
0 ≤ EAIN ≤ 3V
-5
-0.3
5
µA
Minimum Pulse Width
Note 1
55
70
ns
Minimum GATEH Turn-off
Time
20
80
160
ns
Current Sense Amplifier
CSIN+/- Bias Current
-200
0
200
nA
CSIN+/- Bias Current
Mismatch
Note 1
-50
0
50
nA
Input Offset Voltage
CSIN+ = CSIN- = DACIN. Measure
input referred offset from DACIN
-1
0
1
mV
Gain
0.5V ≤ V(DACIN) < 1.6V
30.0
32.5
35.0
V/V
Unity Gain Bandwidth
C(IOUT)=10pF. Measure at IOUT.
Note 1
4.8
6.8
8.8
MHz
Slew Rate
6
V/
µs
Differential Input Range
0.8V ≤ V(DACIN) ≤ 1.6V, Note 1
-10
50
mV
Differential Input Range
0.5V ≤ V(DACIN) < 0.8V, Note 1
-5
50
mV
Common Mode Input Range
Note 1
0
Note2
V
Rout at TJ = 25
oC
Note 1
2.3
3.0
3.7
kΩ
Rout at TJ = 125
oC
3.6
4.7
5.4
kΩ
IOUT Source Current
0.5
1.6
2.9
mA
IOUT Sink Current
0.5
1.4
2.9
mA
Share Adjust Amplifier
Input Offset Voltage
Note 1
-3
0
3
mV
Differential Input Range
Note 1
-1
1
V
Gain
CSIN+ = CSIN- = DACIN. Note 1
4
5.0
6
V/V
Unity Gain Bandwidth
Note 1
4
8.5
17
kHz
PWM Ramp Floor Voltage
IOUT Open, Measure relative to DACIN
-116
0
116
mV
Maximum PWM Ramp Floor
Voltage
IOUT = DACIN – 200mV. Measure
relative to floor voltage.
120
180
240
mV
Minimum PWM Ramp Floor
Voltage
IOUT = DACIN + 200mV. Measure
relative to floor voltage.
-220
-160
-100
mV
PSI Comparator
Rising Threshold Voltage
Note 1
520
620
700
mV
Falling Threshold Voltage
Note 1
400
550
650
mV
Hysteresis
Note 1
50
70
120
mV
Resistance
200
500
850
kΩ
Floating Voltage
800
1150
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com