Electronic Components Datasheet Search
  English  ▼

X  

IR3507MPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IR3507MPBF
Description  XPHASE3TM PHASE IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3507MPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3507MPBF Datasheet HTML 3Page - International Rectifier IR3507MPBF Datasheet HTML 4Page - International Rectifier IR3507MPBF Datasheet HTML 5Page - International Rectifier IR3507MPBF Datasheet HTML 6Page - International Rectifier IR3507MPBF Datasheet HTML 7Page - International Rectifier IR3507MPBF Datasheet HTML 8Page - International Rectifier IR3507MPBF Datasheet HTML 9Page - International Rectifier IR3507MPBF Datasheet HTML 10Page - International Rectifier IR3507MPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
IR3507PbF
Page 7 of 19
IR Confidential
April 2, 2009
NOT RECOMMENDED FOR NEW DESIGNS
REPLACEMENT PRODUCT – IR3507ZPBF
SYSTEM THEORY OF OPERATION
System Description
The system consists of one control IC and a scalable array of phase converters, each requiring one phase IC. The
control IC communicates with the phase ICs using three digital buses, i.e., CLOCK, PHSIN, PHSOUT and three analog
buses, i.e., DAC, EA, IOUT. The digital buses are responsible for switching frequency determination and accurate
phase timing control without any external component. The analog buses are used for PWM control and current sharing
among interleaved phases. The control IC incorporates all the system functions, i.e., VID, CLOCK signals, error
amplifier, fault protections, current monitor, etc. The Phase IC implements the functions required by the converter of
each phase, i.e., the gate drivers, PWM comparator and latch, over-voltage protection, phase disable circuit, current
sensing and sharing, etc.
PWM Control Method
The PWM block diagram of the XPhase3
TM architecture is shown in Figure 1. Feed-forward voltage mode control with
trailing edge modulation is used. A high-gain wide-bandwidth voltage type error amplifier in the Control IC is used for the
voltage control loop. Input voltage is sensed by the phase ICs and feed-forward control is realized. The feed-forward
control compensates the ramp slope based on the change in input voltage. The input voltage can change due to
variations in the silver box output voltage or due to the wire and PCB-trace voltage drop related to changes in load
current.
PWM
COMPARATOR
RDRP1
OFF
VSETPT
CLKIN
RCS
CCS
ISHARE
PHSIN
DACIN
VCC
CSIN+
GATEL
EAIN
GATEH
CBST
VCCH
CSIN-
SW
PGND
VCCL
RTHRM
VID6
PHSOUT
VID6
RCOMP
OFF
CLK
D
Q
PHSIN
PSI
CCOMP
OFF
VID6
RFB
VID6
+
-
CLKIN
CDRP
RCS
CCS
RDRP
3K
GND
VOUT
DACIN
VCC
VDAC
VO
LGND
IOUT
PHSIN
VOSNS-
VOSNS+
GATEL
EAIN
GATEH
IIN
VDRP
VIN
FB
EAOUT
CLKOUT
CSIN-
CSIN+
IROSC
VID6
VDAC
REMOTE SENSE
AMPLIFIER
VCCH
CBST
CLK
D
Q
Q
DFFRH
VCCL
GATE DRIVE
VOLTAGE
PHSOUT
PWM
COMPARATOR
VID6
VID6
PSI
VID6
CLK
D
Q
+
-
3K
VID6
CLK
D
Q
Q
U248
DFFRH
VID6
+
VID6
+
-
+
BODY
BRAKING
COMPARATOR
RAMP
DISCHARGE
CLAMP
ENABLE
CURRENT
SENSE
AMPLIFIER
RVSETPT
PWM LATCH
SHARE ADJUST
ERROR AMPLIFIER
RESET
DOMINANT
1
2
PHASE IC
PGND
VID6
PSI
-
+
SW
VID6
+
+
Thermal
Compensation
ENABLE
RAMP
DISCHARGE
CLAMP
VDRP
AMP
VDAC
BODY
BRAKING
COMPARATOR
VN
IVSETPT
CLOCK GENERATOR
PWM LATCH
CURRENT
SENSE
AMPLIFIER
IMON
ERROR
AMPLIFIER
SHARE ADJUST
ERROR AMPLIFIER
RESET
DOMINANT
RFB1
COUT
CONTROL IC
CFB
1
2
PSI
PHASE IC
PHSOUT
OFF
VID6
Figure 1: PWM Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com