Electronic Components Datasheet Search
  English  ▼

X  

IR3507MPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IR3507MPBF
Description  XPHASE3TM PHASE IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3507MPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3507MPBF Datasheet HTML 2Page - International Rectifier IR3507MPBF Datasheet HTML 3Page - International Rectifier IR3507MPBF Datasheet HTML 4Page - International Rectifier IR3507MPBF Datasheet HTML 5Page - International Rectifier IR3507MPBF Datasheet HTML 6Page - International Rectifier IR3507MPBF Datasheet HTML 7Page - International Rectifier IR3507MPBF Datasheet HTML 8Page - International Rectifier IR3507MPBF Datasheet HTML 9Page - International Rectifier IR3507MPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
IR3507PbF
Page 6 of 19
IR Confidential
April 2, 2009
NOT RECOMMENDED FOR NEW DESIGNS
REPLACEMENT PRODUCT – IR3507ZPBF
PIN DESCRIPTION
PIN#
PIN SYMBOL
PIN DESCRIPTION
1
IOUT
Output of the Current Sense Amplifier is connected to this pin through a 3kΩ
resistor. Voltage on this pin is equal to V(DACIN) + 33 [V(CSIN+) – V(CSIN-)].
Connecting all IOUT pins together creates a share bus which provides an indication
of the average current being supplied by all the phases. The signal is used by the
Control IC for voltage positioning and over-current protection. OVP mode is initiated
if the voltage on this pin rises above V(VCCL)- 0.8V.
2
PSI
Logic low is an active low (IE low=low power state).
3
DACIN
Reference voltage input from the Control IC. The Current Sense signal and PWM
ramp is referenced to the voltage on this pin.
4
LGND
Ground for internal IC circuits. IC substrate is connected to this pin.
5
PHSIN
Phase clock input.
6
NC
N/A
7
PHSOUT
Phase clock output.
8
CLKIN
Clock input.
9
PGND
Return for low side driver and reference for GATEH non-overlap comparator.
10
GATEL
Low-side driver output and input to GATEH non-overlap comparator.
11
NC
N/A
12
VCCL
Supply for low-side driver. Internal bootstrap synchronous PFET is connected from
this pin to the BOOST pin.
13
BOOST
Supply for high-side driver. Internal bootstrap synchronous PFET is connected
between this pin and the VCCL pin.
14
GATEH
High-side driver output and input to GATEL non-overlap comparator.
15
SW
Return for high-side driver and reference for GATEL non-overlap comparator.
16
VCC
Supply for internal IC circuits.
17
CSIN+
Non-Inverting input to the current sense amplifier, and input to debug comparator.
18
CSIN-
Inverting input to the current sense amplifier, and input to synchronous rectification
disable comparator.
19
EAIN
PWM comparator input from the error amplifier output of Control IC. Body Braking
mode is initiated if the voltage on this pin is less than V(DACIN).
20
NC
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com