Electronic Components Datasheet Search
  English  ▼

X  

TLE7236G Datasheet(PDF) 35 Page - Infineon Technologies AG

Part # TLE7236G
Description  8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode and Cranking
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7236G Datasheet(HTML) 35 Page - Infineon Technologies AG

Back Button TLE7236G Datasheet HTML 30Page - Infineon Technologies AG TLE7236G Datasheet HTML 31Page - Infineon Technologies AG TLE7236G Datasheet HTML 32Page - Infineon Technologies AG TLE7236G Datasheet HTML 33Page - Infineon Technologies AG TLE7236G Datasheet HTML 34Page - Infineon Technologies AG TLE7236G Datasheet HTML 35Page - Infineon Technologies AG TLE7236G Datasheet HTML 36Page - Infineon Technologies AG TLE7236G Datasheet HTML 37Page - Infineon Technologies AG TLE7236G Datasheet HTML 38Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
Data Sheet
35
Rev. 1.0, 2008-10-30
TLE7236G
Package Outlines
10
Package Outlines
Figure 13
PG - DSO20-45 (Plastic Green Dual Small Outline Package)
Green Product (RoHS compliant)
To meet the world-wide customer requirements for environmentally friendly products and to be compliant with
government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e Pb-
free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020).
GPS05094
1.27
0.2 20x
9 x 1.27 = 11.43
0.35
+0.15 2)
12.8
1)
-0.2
110
11
20
8˚
8˚
Seating Plane
20x
0.1
Ejector Mark
Depth 0.2 MAX.
Index Marking
1) Does not include plastic or metal protrusion of 0.15 max. per side
2) Does not include dambar protrusion per side
0.35 x 45˚
8˚
-0.2
1)
7.6
8˚
±0.3
10.3
0.4
+0.8
For further information on alternative packages, please visit our website:
http://www.infineon.com/packages.
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com