Electronic Components Datasheet Search
  English  ▼

X  

TLE7236G Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE7236G
Description  8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode and Cranking
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7236G Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE7236G Datasheet HTML 16Page - Infineon Technologies AG TLE7236G Datasheet HTML 17Page - Infineon Technologies AG TLE7236G Datasheet HTML 18Page - Infineon Technologies AG TLE7236G Datasheet HTML 19Page - Infineon Technologies AG TLE7236G Datasheet HTML 20Page - Infineon Technologies AG TLE7236G Datasheet HTML 21Page - Infineon Technologies AG TLE7236G Datasheet HTML 22Page - Infineon Technologies AG TLE7236G Datasheet HTML 23Page - Infineon Technologies AG TLE7236G Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
TLE7236G
Power Stages
Data Sheet
20
Rev. 1.0, 2008-10-30
6.6
Command Description
Input Configuration Registers
6.5.11 Turn-off time
V
DS = 80% Vbb
t
OFF
µs
V
bb = 13.5 V
resistive load
channel 0, 1, 4, 5
–
–
100
I
DS = 250 mA
channel 2, 3 (HS)
–
–
100
I
DS = 120 mA
channel 6, 7 (LS)
–
–
100
I
DS = 250 mA
1) Not subject to production test, specified by design.
ICR01
000B
3210
INX1
INX0
rw
rw
ICR23
001B
3210
INX3
INX2
rw
rw
ICR45
010B
3210
INX5
INX4
rw
rw
ICR67
011B
3210
INX7
INX6
rw
rw
Field
Bits
Type
Description
INXn
n = 7 to 0
[3:2], [1:0]
rw
Input Multiplexer Configuration Channel n
00
Channel n is switched off
01
Channel n is switched by input 1
10
Channel n is switched by input 2
11
Channel n is switched on
Unless otherwise specified:
V
DD = 3.0 V to 5.5V, VBAT = 9.0 V to 16V, Tj = -40 °C to +150 °C
typical values:
V
DD = 5.0 V, VBAT = 13.5 V, Tj = 25 °C
Pos. Parameter
Symbol
Limit Values
Unit Test Conditions
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com