Electronic Components Datasheet Search
  English  ▼

X  

TLE7236G Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE7236G
Description  8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode and Cranking
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7236G Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE7236G Datasheet HTML 12Page - Infineon Technologies AG TLE7236G Datasheet HTML 13Page - Infineon Technologies AG TLE7236G Datasheet HTML 14Page - Infineon Technologies AG TLE7236G Datasheet HTML 15Page - Infineon Technologies AG TLE7236G Datasheet HTML 16Page - Infineon Technologies AG TLE7236G Datasheet HTML 17Page - Infineon Technologies AG TLE7236G Datasheet HTML 18Page - Infineon Technologies AG TLE7236G Datasheet HTML 19Page - Infineon Technologies AG TLE7236G Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
TLE7236G
Power Stages
Data Sheet
16
Rev. 1.0, 2008-10-30
6
Power Stages
The TLE7236G is an eight channel high-side and low-side relay switch. The power stages are built by N-channel
vertical power MOSFET transistors. The gates of the high-side switches are controlled by charge pumps.
6.1
Input Circuit
There are two input pins available at TLE7236G, which can be configured to be used for control of the output
stages. The INXn parameter of the input configuration register provide following possibilities:
•
channel is switched off
•
channel is switched according to signal level at input pin IN1
•
channel is switched according to signal level at input pin IN2
•
channel is switched on
Figure 4 shows the input circuit of TLE7236G.
Figure 4
Input Multiplexer
The current sink to ground ensures that the channels switch off in case of open input pin. The zener diode protects
the input circuit against ESD pulses.
6.2
Channels 4 and 5
The TLE7236G provides two auto-configuring high-side or low-side switches (channels 4 and 5). They adjust the
diagnostic and protective functions according their potentials at drain and source automatically.
In high-side configuration, the load is connected between ground and source of the power transistors (S4 or S5).
The drain of the power transistors (D4 and D5) can be connected to any potential between GND-pin potential and
VBB-pin potential. When the drain is connected to VBB, the channel behave like the other high side channels. The
drain can also be connected to a 5 V power supply and the source pin will be utilized as switched 5 V supply line.
In low-side configuration, the source of the power transistors are to be connected to GND.
The configuration can be chosen for each of these channels individually, so it is feasible to connect one channel
in low-side and the other in high-side configuration.
Channel 7
Channel 6
Channel 5
Channel 4
Channel 3
Channel 2
Channel 1
IN1
IIN1
IN2
IIN2
Channel 0
1
0
INX0
InputLogic.emf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com