Electronic Components Datasheet Search
  English  ▼

X  

TLE7237GS Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE7237GS
Description  8 Channel High-Side and Low-Side Relay Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7237GS Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE7237GS Datasheet HTML 9Page - Infineon Technologies AG TLE7237GS Datasheet HTML 10Page - Infineon Technologies AG TLE7237GS Datasheet HTML 11Page - Infineon Technologies AG TLE7237GS Datasheet HTML 12Page - Infineon Technologies AG TLE7237GS Datasheet HTML 13Page - Infineon Technologies AG TLE7237GS Datasheet HTML 14Page - Infineon Technologies AG TLE7237GS Datasheet HTML 15Page - Infineon Technologies AG TLE7237GS Datasheet HTML 16Page - Infineon Technologies AG TLE7237GS Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Data Sheet
13
Rev. 1.0, 2008-10-30
TLE7237GS
Power Supply
5
Power Supply
The TLE7237GS is supplied by two supply voltages
V
bb and VDD. The Vbb supply line is connected to a battery
feed and used by the power switches and by an integrated power supply for the register banks. There is an under
voltage reset function implemented for the
V
bb power supply. After start-up of the power supply, all SPI registers
are reset to their default values and the device is in sleep mode (standby). The SPI command CMD.WAKE = 1 is
switching the device to operation mode (ON), while a command CMD.STB = 1 send the device to sleep mode
(standby) again.
The
V
DD supply line is used by the SPI shift register related circuitry and for driving the SO line. As a result, the
daisy chain function is available as soon as
V
DD is provided in the specified range independent of Vbb. A capacitor
between pins
V
DD and GND is recommended (especially in case of EMI).
The device provides a sleep mode (stand by) to minimize current consumption, which also resets the register
banks. It is entered and left by dedicated SPI commands or by turning off the VDD supply.
5.1
Reset
There are several reset trigger implemented in the device. A reset switches off all channels and sets the registers
to default values. After any kind of reset, the transmission error flag (TER) is set.
Under Voltage Reset:
During this device condition a read on SPI always delivers the Standard Diagnostic Frame with a TER flag.
This under voltage reset is released when all the supply voltages levels are above under voltage threshold.
Reset Command: There is a reset command available to reset all register bits of the register bank and the
diagnosis registers. As soon as CMD.RST = 1, a reset is triggered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com