Electronic Components Datasheet Search
  English  ▼

X  

TLE7237GS Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE7237GS
Description  8 Channel High-Side and Low-Side Relay Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7237GS Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE7237GS Datasheet HTML 10Page - Infineon Technologies AG TLE7237GS Datasheet HTML 11Page - Infineon Technologies AG TLE7237GS Datasheet HTML 12Page - Infineon Technologies AG TLE7237GS Datasheet HTML 13Page - Infineon Technologies AG TLE7237GS Datasheet HTML 14Page - Infineon Technologies AG TLE7237GS Datasheet HTML 15Page - Infineon Technologies AG TLE7237GS Datasheet HTML 16Page - Infineon Technologies AG TLE7237GS Datasheet HTML 17Page - Infineon Technologies AG TLE7237GS Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
TLE7237GS
Power Supply
Data Sheet
14
Rev. 1.0, 2008-10-30
5.2
Electrical Characteristics
Note: Characteristics show the deviation of parameter at the given supply voltage and junction temperature.
Typical values show the typical parameters expected at
V
bb = 13.5 V, VDD = 5.0 V, Tj = 25 °C.
Unless otherwise specified:
V
DD = 3.0 V to 5.5V, VBAT = 9.0 V to 16V, Tj = -40 °C to +150 °C
Pos. Parameter
Symbol
Limit Values
Unit Test Conditions
min. typ.
max.
Power Supply
V
bb
5.2.1 Supply voltage for full operation
V
bb
9–28
V
5.2.2 Under voltage reset threshold
voltage
V
bb(UV)
––5.5
V
5.2.3 Operating current
I
S
––15
mA
V
bb = 16 V
––12
mA
1) V
bb = 16 V
all diagnosis off
5.2.4 Sleep mode current with
disconnected loads (stand by)
I
S(Sleep)
––10
µA
V
bb = 16 V
AWK
= 0
T
j = 25 °C
1)
1) Not subject to production test, specified by design.
––13
T
j = 85 °C
1)
––20
T
j = 150 °C
Digital Power Supply
V
DD
5.2.5 Logic supply voltage
V
DD
3.0
–
5.5
V
5.2.6 Under voltage reset threshold
voltage
V
DD(PO)
––3.0
V
5.2.7 Logic supply current
I
DD
––0.2
mA
f
SCLK = 0 Hz
V
CS = 0 V
AWK
= 1
V
CS = 0V
5.2.8 Logic supply sleep mode current
I
DD(Sleep)
––20
µA
V
CS = VDD
AWK
= 0
T
j = 25 °C
1)
––20
T
j = 85 °C
1)
––40
T
j = 150 °C
Timings
5.2.9 Sleep mode wake-up time
t
wu(Sleep)
––200
µs
1)
5.2.10
V
bb under voltage reset delay time
t
bb(UVR)
––1
µs
1)
5.2.11
V
DD under voltage reset delay time tDD(UVR)
––1
µs
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com