Electronic Components Datasheet Search
  English  ▼

X  

IRPLHID2 Datasheet(PDF) 30 Page - International Rectifier

Part # IRPLHID2
Description  HID Ballast for 70W Lamp Using the IRS2573D
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLHID2 Datasheet(HTML) 30 Page - International Rectifier

Back Button IRPLHID2 Datasheet HTML 22Page - International Rectifier IRPLHID2 Datasheet HTML 23Page - International Rectifier IRPLHID2 Datasheet HTML 24Page - International Rectifier IRPLHID2 Datasheet HTML 25Page - International Rectifier IRPLHID2 Datasheet HTML 26Page - International Rectifier IRPLHID2 Datasheet HTML 27Page - International Rectifier IRPLHID2 Datasheet HTML 28Page - International Rectifier IRPLHID2 Datasheet HTML 29Page - International Rectifier IRPLHID2 Datasheet HTML 30Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
www.irf.com
1
- 30 -
Vogt IC 080 620 31 01
INDUCTOR SPECIFICATION
CORE SIZE
CORE MATERIAL
GAP LENGTH
WINDING START PIN FINISH PIN TURNS WIRE DIAMETER (mm)
MAIN
Secondary
PHYSICAL LAYOUT
TEST
MAIN WINDING INDUCTANCE
MAX
mm
mH
mH
1
8
(Horizontal 8 - Pin Bobbin)
23
MIN
Pin View
1
2
3
4
5
6
NOMINAL INDUCTANCE
TEST TEMPERATURE
C
100
mH
TEST TEMPERATURE
C
100
EF25/7,5
0.6
Fi 324 or equivalent
1.0
80
5x0.2 CuLL
0.2 Tex-E
4
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com