Electronic Components Datasheet Search
  English  ▼

X  

IRPLHID2 Datasheet(PDF) 14 Page - International Rectifier

Part # IRPLHID2
Description  HID Ballast for 70W Lamp Using the IRS2573D
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLHID2 Datasheet(HTML) 14 Page - International Rectifier

Back Button IRPLHID2 Datasheet HTML 10Page - International Rectifier IRPLHID2 Datasheet HTML 11Page - International Rectifier IRPLHID2 Datasheet HTML 12Page - International Rectifier IRPLHID2 Datasheet HTML 13Page - International Rectifier IRPLHID2 Datasheet HTML 14Page - International Rectifier IRPLHID2 Datasheet HTML 15Page - International Rectifier IRPLHID2 Datasheet HTML 16Page - International Rectifier IRPLHID2 Datasheet HTML 17Page - International Rectifier IRPLHID2 Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
www.irf.com
1
- 14 -
decrease the output current to the lamp for decreasing the output power. The speed of
the constant power control loop is set by the value of the CPCOMP at the PCOMP pin
that determines how fast the loop will react and adjust the buck on-time over the
changing load conditions.
5.7 Current Limitation Control
The constant power control loop will increase or decrease the buck current for
maintaining constant power in the lamp load. During lamp warm-up, the lamp voltage
can be very low (20V typical) and the constant power loop will attempt to increase the
buck current to several amps of current to maintain constant power. This high current
can exceed the manufacturer’s maximum current rating for the HID lamp. To prevent
this condition, an additional current limitation control loop has been included in the IC
Should the voltage at the ISENSE pin exceed the voltage level at the OC pin, another
OTA will sink current from the ICOMP pin. When the ICOMP pin voltage decreases
below the PCOMP pin voltage, then the current limitation loop will override the constant
power loop and the ICOMP pin will decrease the buck on-time. The lower of the
PCOMP or ICOMP pins will override the other and control the buck on-time. When the
lamp eventually warms up and the lamp voltage increases to a level where the lamp
current is below the maximum allowable limit, then the ICOMP pin voltage will increase
above the PCOMP pin voltage, and the PCOMP pin will control the buck on-time again
for maintaining constant power.
5.8 Buck OFF Mode
The IC will enter the Buck-OFF Mode if any one of these 3 conditions occur:
 VSENSE > VOV or
 PCOMP < 0.2V
or
 ICOMP < 0.2V
When in the Buck-OFF Mode, the IC will go back to General Mode if all of these 3
conditions are valid:
 VSENSE < VOV (2/5)
and
 PCOMP > 0.2V
and
 ICOMP > 0.5V
The IC will instead go back to Ignition Mode if all of these 3 conditions are valid:
 VOV(2/5) < VSENSE < VOV
and
 PCOMP > 0.2V
and
ICOMP > 0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com