Electronic Components Datasheet Search
  English  ▼

X  

BTS244Z Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS244Z
Description  Speed TEMPFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS244Z Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS244Z Datasheet HTML 1Page - Infineon Technologies AG BTS244Z Datasheet HTML 2Page - Infineon Technologies AG BTS244Z Datasheet HTML 3Page - Infineon Technologies AG BTS244Z Datasheet HTML 4Page - Infineon Technologies AG BTS244Z Datasheet HTML 5Page - Infineon Technologies AG BTS244Z Datasheet HTML 6Page - Infineon Technologies AG BTS244Z Datasheet HTML 7Page - Infineon Technologies AG BTS244Z Datasheet HTML 8Page - Infineon Technologies AG BTS244Z Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet
3
Rev.1.3, 2009-12-04
Speed TEMPFET
BTS244Z
Thermal Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
junction - case:
RthJC
-
-
0.88
K/W
Thermal resistance @ min. footprint
Rth(JA)
-
-
62
Thermal resistance @ 6 cm2 cooling area 1)
Rth(JA)
-
33
40
Electrical Characteristics
Parameter
Symbol
Values
Unit
at
Tj = 25°C, unless otherwise specified
min.
typ.
max.
Static Characteristics
Drain-source breakdown voltage
VGS = 0 V, ID = 0.25 mA
V(BR)DSS
55
-
-
V
Gate threshold voltage, VGS = VDS
ID = 130 μA
ID = 250 μA
VGS(th)
1.2
-
1.6
1.65
2
-
Zero gate voltage drain current
VDS = 50 V, VGS = 0 V, Tj = -40 °C
VDS = 50 V, VGS = 0 V, Tj = 25 °C
VDS = 50 V, VGS = 0 V, Tj = 150 °C
IDSS
-
-
-
-
0.1
-
0.1
1
100
μA
Gate-source leakage current
VGS = 20 V, VDS = 0 V, Tj = 25 °C
VGS = 20 V, VDS = 0 V, Tj = 150 °C
IGSS
-
-
10
20
100
100
nA
Drain-Source on-state resistance
VGS = 4.5 V, ID = 19 A
VGS = 10 V, ID = 19 A
RDS(on)
-
-
16
11.5
18
13
m
1 Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm2 (one layer, 70μm thick) copper area for drain
connection. PCB mounted vertical without blown air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com