Electronic Components Datasheet Search
  English  ▼

X  

BTS244Z Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # BTS244Z
Description  Speed TEMPFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS244Z Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button BTS244Z Datasheet HTML 6Page - Infineon Technologies AG BTS244Z Datasheet HTML 7Page - Infineon Technologies AG BTS244Z Datasheet HTML 8Page - Infineon Technologies AG BTS244Z Datasheet HTML 9Page - Infineon Technologies AG BTS244Z Datasheet HTML 10Page - Infineon Technologies AG BTS244Z Datasheet HTML 11Page - Infineon Technologies AG BTS244Z Datasheet HTML 12Page - Infineon Technologies AG BTS244Z Datasheet HTML 13Page - Infineon Technologies AG BTS244Z Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Data Sheet
13
Rev.1.3, 2009-12-04
Speed TEMPFET
BTS244Z
Revision History
2
Revision History
Revision
Date
Changes
1.3
2009-12-04
updated package drawing of PG-TO220-5-62
1.2
2009-07-31
removed 100ms and DC line in SOA diagram
1.1
2008-11-10
all pages:
added new Infineon logo
Initial version of RoHS-compliant derivate of the BTS244Z
Page 1 and 12: added RoHS compliance statement and Green product feature
Page 1, 11 and 12: Package changed to RoHS compliant version
page 13: added Revision history
page 14: update of disclaimer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com