Electronic Components Datasheet Search
  English  ▼

X  

BTS244Z Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BTS244Z
Description  Speed TEMPFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS244Z Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BTS244Z Datasheet HTML 4Page - Infineon Technologies AG BTS244Z Datasheet HTML 5Page - Infineon Technologies AG BTS244Z Datasheet HTML 6Page - Infineon Technologies AG BTS244Z Datasheet HTML 7Page - Infineon Technologies AG BTS244Z Datasheet HTML 8Page - Infineon Technologies AG BTS244Z Datasheet HTML 9Page - Infineon Technologies AG BTS244Z Datasheet HTML 10Page - Infineon Technologies AG BTS244Z Datasheet HTML 11Page - Infineon Technologies AG BTS244Z Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Speed TEMPFET
BTS244Z
Data Sheet
8
Rev.1.3, 2009-12-04
5 Safe operating area
ID=f(VDS); D=0.01; TC=25°C; VGS=4.5V
6 Typ. output characteristic
ID = f(VDS); Tj=25°C
Parameter: VGS
0
1
2
V
4
VDS
0
20
40
60
80
100
120
140
A
180
3V
3.5V
4V
4.5V
5V
6V
7V
10V
7 On-state resistance
RON = f(Tj); ID=19A; VGS = 4.5V
-50
-25
0
25
50
75
100 125 °C
175
Tj
0
5
10
15
20
25
30
m
40
typ.
max.
8 On-state resistance
RON = f(Tj); ID=19A; VGS = 10V
-50
-25
0
25
50
75
100 125 °C
175
Tj
0
5
10
15
20
m
30
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com