Electronic Components Datasheet Search
  English  ▼

X  

TLE4278G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4278G
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4278G Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4278G Datasheet HTML 1Page - Infineon Technologies AG TLE4278G Datasheet HTML 2Page - Infineon Technologies AG TLE4278G Datasheet HTML 3Page - Infineon Technologies AG TLE4278G Datasheet HTML 4Page - Infineon Technologies AG TLE4278G Datasheet HTML 5Page - Infineon Technologies AG TLE4278G Datasheet HTML 6Page - Infineon Technologies AG TLE4278G Datasheet HTML 7Page - Infineon Technologies AG TLE4278G Datasheet HTML 8Page - Infineon Technologies AG TLE4278G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Type
Package
TLE 4278 G
PG-DSO-14-30 (RoHS compliant)
5-V Low Drop Fixed Voltage Regulator
TLE 4278 G
P-DSO-14-3, -8, -9, -11, 14
PG-DSO-14-30
Data Sheet
1
Rev. 1.4, 2007-02-19
Features
•
Output voltage tolerance
≤ ±2%
•
Very low current consumption
•
Separated reset and watchdog output
•
Low-drop voltage
•
Watchdog
•
Adjustable watchdog activating threshold
•
Adjustable reset threshold
•
Overtemperature protection
•
Reverse polarity protection
•
Short-circuit proof
•
Suitable for use in automotive electronics
•
Wide temperature range
•
AEC qualified
•
Green Product (RoHS compliant) version of TLE 4278 G
Functional Description
The TLE 4278 is a monolithic integrated low-drop fixed output voltage regulator
supplying loads up to 200 mA. The IC is available in a PG-DSO-14-30 package. It is
designed to supply microprocessor systems under the severe conditions of automotive
applications and therefore equipped with additional protection functions against over-
load, short circuit and overtemperature. The TLE 4278 can also be used in other
applications where a stabilized voltage is required.
An input voltage
V
I in the range of 5.5 V ≤ VI ≤ 45 V is regulated to VQ,nom = 5 V with an
accuracy of
±2%.
The device operates in the wide temperature range of
T
j = -40 to 150 °C.
Two additional features are implemented in the TLE 4278 a load dependent watchdog
function as well as a sophisticated reset function including power on reset, under voltage
reset, adjustable reset delay time and adjustable reset switching threshold.


Similar Part No. - TLE4278G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4278G SIEMENS-TLE4278G Datasheet
88Kb / 18P
5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
More results

Similar Description - TLE4278G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4269 INFINEON-TLE4269_07 Datasheet
367Kb / 19P
5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.4, 2007-03-20
TLE4271-2 INFINEON-TLE4271-2_07 Datasheet
366Kb / 23P
5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.7, 2007-06-25
TLE4268 INFINEON-TLE4268_07 Datasheet
333Kb / 17P
5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 1.5, 2007-03-20
TLE4473GV53 INFINEON-TLE4473GV53_08 Datasheet
292Kb / 16P
Dual Low Drop Voltage Regulator Output 2: 180 mA, 5 V (짹2%)
Rev. 1.1, 2008-09-19
TLE4276-2 INFINEON-TLE4276-2 Datasheet
281Kb / 16P
Low Drop Voltage Regulator 5 V or variable output voltage Output voltage tolerance ??짹2%
Rev. 1.1, 2007-09-21
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4264-2 INFINEON-TLE4264-2_08 Datasheet
204Kb / 11P
5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹3% (짹2% up to 50 mA)
Rev. 2.6, 2008-03-10
TLE4264 INFINEON-TLE4264_08 Datasheet
192Kb / 11P
5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.3, 2008-03-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com