Electronic Components Datasheet Search
  English  ▼

X  

TLE4278G Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4278G
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4278G Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4278G Datasheet HTML 8Page - Infineon Technologies AG TLE4278G Datasheet HTML 9Page - Infineon Technologies AG TLE4278G Datasheet HTML 10Page - Infineon Technologies AG TLE4278G Datasheet HTML 11Page - Infineon Technologies AG TLE4278G Datasheet HTML 12Page - Infineon Technologies AG TLE4278G Datasheet HTML 13Page - Infineon Technologies AG TLE4278G Datasheet HTML 14Page - Infineon Technologies AG TLE4278G Datasheet HTML 15Page - Infineon Technologies AG TLE4278G Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Data Sheet
12
Rev. 1.4, 2007-02-19
TLE 4278 G
Reset Switching Threshold
The present default value is 4.65 V. When using the TLE 4278 the reset threshold can
be set to 3.5 V <
V
Q,rt < 4.6 V by connecting an external voltage divider to pin RADJ. The
calculation can be easily done since the reset adjust input current can be neglected. If
this feature is not needed, the pin has to be connected to GND.
V
Q,rt = Vref × (1 + R1/R2)(3)
Definitions:
•
V
Q,rt = Reset threshold
•
V
ref = comparator reference voltage, typical 1.35 V
(Reset adjust input current
≈ 50 nA)
Figure 6
The reset output pin is internally connected to the 5 V output Q via a 30 k
Ω pull-up
resistor. Down to an output voltage
V
Q of typical 1 V the reset LOW signal at pin RO is
generated.
For the timing of the reset feature please refer to Figure 5.
AES03071
Band-Gap-
Reference
RO
RADJ
Ι
GND
Q
Reference
Band-Gap-
> 1
+
-
1.35 V
1.35 V
30 k
Ω
R 1
2
R
TLE 4278 G
13
9
14
7
3 ... 5,
10 ... 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com