Electronic Components Datasheet Search
  English  ▼

X  

TLE4278G Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4278G
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4278G Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4278G Datasheet HTML 9Page - Infineon Technologies AG TLE4278G Datasheet HTML 10Page - Infineon Technologies AG TLE4278G Datasheet HTML 11Page - Infineon Technologies AG TLE4278G Datasheet HTML 12Page - Infineon Technologies AG TLE4278G Datasheet HTML 13Page - Infineon Technologies AG TLE4278G Datasheet HTML 14Page - Infineon Technologies AG TLE4278G Datasheet HTML 15Page - Infineon Technologies AG TLE4278G Datasheet HTML 16Page - Infineon Technologies AG TLE4278G Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TLE 4278 G
Data Sheet
13
Rev. 1.4, 2007-02-19
Watchdog Activating
The calculation of the external resistor which adjusts the watchdog switch off threshold
can be done by Equation (4):
R
WADJ = VWADJ,th × (IQ/IWADJ)/IQ,act
(4)
Definitions:
•
V
WADJ,th = switch off threshold, typical 1.35 V
•
I
Q/IWADJ = current ratio, typical 720
•
I
Q,act = switch off load current
Figure 7
AES03072
Band-Gap-
Reference
GND
+
-
TLE 4278 G
Watchdog
active
HIGH
disabled
Watchdog
LOW
WADJ
R WADJ
Ι
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com