Electronic Components Datasheet Search
  English  ▼

X  

MIC2843 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2843
Description  High-Efficiency 6-Channel Linear WLED Driver with Ultra-Fast PWM??Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2843 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2843 Datasheet HTML 5Page - Micrel Semiconductor MIC2843 Datasheet HTML 6Page - Micrel Semiconductor MIC2843 Datasheet HTML 7Page - Micrel Semiconductor MIC2843 Datasheet HTML 8Page - Micrel Semiconductor MIC2843 Datasheet HTML 9Page - Micrel Semiconductor MIC2843 Datasheet HTML 10Page - Micrel Semiconductor MIC2843 Datasheet HTML 11Page - Micrel Semiconductor MIC2843 Datasheet HTML 12Page - Micrel Semiconductor MIC2843 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Micrel Inc.
MIC2843
November 2010
9
M9999-110810-B
Functional Description
The MIC2843 is a six-channel WLED driver. The WLED
driver is designed to maintain proper current regulation
with LED current accuracy of 1.5% while the typical
matching between the six channels to be 3% at room
temperature. The WLEDs are driven independently from
the input supply and will maintain regulation with a
dropout of 40mV at 20mA. The low dropout of the linear
drivers allows the WLEDs to be driven directly from the
battery voltage and eliminates the need for large and
inefficient charge pumps. The maximum WLED current
for each channel is set via an external resistor. If
dimming is desired the MIC2843 can dim via an Ultra
Fast PWM™ signal.
Block Diagram
As shown in Figure 1, the MIC2843 consists of six
current mirrors set to copy a master current determined
by RSET. The linear drivers have a designated control
block for enabling and dimming of the WLEDs. The
MIC2843 is controlled by the PWM control block that
receives PWM signals for dimming.
VIN
The input supply (VIN) provides power to the linear
drivers and the control circuitry. The VIN operating range
is 3V to 5.5V. Due to wire inductance a minimum bypass
capacitor of 1µF should be placed close to input (VIN)
pin and the ground (GND) pin. Refer to the Layout
Recommendations
section for details on placing the
input capacitor (C1).
END
The END pin is equivalent to the enable pin for the linear
drivers on the MIC2843. It can also be used for dimming
using a PWM signal. See the “PWM Dimming Interface”
in the Application Information section for details.
The first pulse on the END pin must be equal or greater
to 40µs to wake the part up in a known state. This
equates to a 12.5kHz PWM signal at equal or greater
than 50% duty cycle. Higher PWM frequencies may be
used but the first pulse must be equal or greater than
40µs.
RSET
The RSET pin is used by connecting a RSET resistor to
ground to set the peak current of the linear drivers. The
average LED current can be calculated by Equation 1
below:
ILED (mA) = 410 × D / RSET (kΩ)
Eq. 1
D is the duty cycle of the LED current during PWM
dimming. When the device is fully on the duty cycle
equals 100% (D = 1). A plot of ILED versus RSET is shown
in Figure 2.
Figure 2. Peak LED Current vs. RSET
D1-D6
The D1 through D6 pins are the linear driver inputs for
WLED 1 through 6, respectively. Connect the anodes of
the WLEDs to VIN and each cathode of the WLEDs to D1
through D6. The linear drivers are independent of each
other.
GND
The ground pin is the ground path for the linear drivers.
The current loop for the ground should be as small as
possible. The ground of the input capacitor should be
routed with low impedance traces to the GND pin and
made as short as possible. Refer to the Layout
Recommendations
section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com