Electronic Components Datasheet Search
  English  ▼

X  

MIC2843 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2843
Description  High-Efficiency 6-Channel Linear WLED Driver with Ultra-Fast PWM??Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2843 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2843 Datasheet HTML 1Page - Micrel Semiconductor MIC2843 Datasheet HTML 2Page - Micrel Semiconductor MIC2843 Datasheet HTML 3Page - Micrel Semiconductor MIC2843 Datasheet HTML 4Page - Micrel Semiconductor MIC2843 Datasheet HTML 5Page - Micrel Semiconductor MIC2843 Datasheet HTML 6Page - Micrel Semiconductor MIC2843 Datasheet HTML 7Page - Micrel Semiconductor MIC2843 Datasheet HTML 8Page - Micrel Semiconductor MIC2843 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Micrel Inc.
MIC2843
November 2010
3
M9999-110810-B
Absolute Maximum Ratings
(1)
Main Input Voltage (VIN) .................................. −0.3V to +6V
Enable Input Voltage (VEND) ............................ −0.3V to +6V
Current Source Voltage (VD1-D6) ..................... −0.3V to +6V
Power Dissipation .....................................Internally Limited
Lead Temperature (soldering, 10sec.)....................... 260°C
Storage Temperature (Ts) .........................−65°C to +150°C
ESD Rating
(3)................................................. ESD Sensitive
Operating Ratings
(2)
Supply Voltage (VIN)..................................... +3.0V to +5.5V
Enable Input Voltage (VEND) .................................. 0V to VIN
Current Source Voltage (VD1-D6) ............................ 0V to VIN
Junction Temperature (TJ) ........................–40°C to +125°C
Junction Thermal Resistance
2mm x 2mm Thin MLF
®-10L (θJA)......................90°C/W
Electrical Characteristics
WLED Linear Drivers
VIN = VEND = 3.8V, RSET = 20.5kΩ; VD1-D6 = 0.6V; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ 125°C; unless noted.
Parameter
Conditions
Min.
Typ.
Max.
Units
Current Accuracy
(4)
VDROPNOM = 0.6V
1.5
%
Matching
(5)
VDROPNOM = 0.6V
3
5.5
%
Drop-out
Where ILED = 90% of LED current seen at
VDROPNOM = 0.6V, 100% brightness level
40
100
mV
Ground/Supply Bias Current
IOUT = 20mA
1.4
mA
Shutdown Current
(Current Source Leakage)
VEND = 0V
0.01
1
µA
PWM Dimming
Logic Low
0.2
V
Enable Input Voltage (VEND)
Logic High
1.2
V
Enable Input Current
VIH > 1.2V
0.01
1
µA
Current Source Delay
(50% levels)
Shutdown to On
Standby to On
On to Standby
RSET = 20.5k
40
0.5
1
60
µs
µs
µs
Current Source Transient Time
(10%
− 90%)
TRISE
TFALL
1
0.3
µs
µs
Standby to Shutdown Time
VEND = 0V
10
20
40
ms
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4.
As determined by average current of all channels in use and all channels loaded.
5.
The current through each LED meets the stated limits from the average current of all LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com