Electronic Components Datasheet Search
  English  ▼

X  

MIC2843 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2843
Description  High-Efficiency 6-Channel Linear WLED Driver with Ultra-Fast PWM??Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2843 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2843 Datasheet HTML 1Page - Micrel Semiconductor MIC2843 Datasheet HTML 2Page - Micrel Semiconductor MIC2843 Datasheet HTML 3Page - Micrel Semiconductor MIC2843 Datasheet HTML 4Page - Micrel Semiconductor MIC2843 Datasheet HTML 5Page - Micrel Semiconductor MIC2843 Datasheet HTML 6Page - Micrel Semiconductor MIC2843 Datasheet HTML 7Page - Micrel Semiconductor MIC2843 Datasheet HTML 8Page - Micrel Semiconductor MIC2843 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Micrel Inc.
MIC2843
November 2010
2
M9999-110810-B
Ordering Information
Part Number
Mark Code
(1)
Temperature Range
Package
(2)
MIC2843YMT
YS3
–40°C to +125°C
10-Pin 2mm x 2mm Thin MLF
®
Note:
1.
Thin MLF
® ▲ = Pin 1 identifier.
2.
Thin MLF
® is a GREEN RoHS-compliant package. Lead finish is NiPdAu. Mold compound is halogen free.
Pin Configuration
10-Pin 2mm x 2mm Thin MLF
® (MT)
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1
VIN
Voltage Input. Connect at least 1µF ceramic capacitor between VIN and GND.
2
END
Enable LED drivers. This pin can be used as a PWM input for dimming of WLEDs. Do not leave
floating.
3
RSET
An internal 1.27V reference sets the nominal maximum WLED current. Example, apply a 20.5kΩ
resistor between RSET and GND to set LED current to 20mA at 100% duty cycle.
4
GND
Ground.
5
D6
LED6 driver input. Connect LED anode to VIN and cathode to this pin.
6
D5
LED5 driver input. Connect LED anode to VIN and cathode to this pin.
7
D4
LED4 driver input. Connect LED anode to VIN and cathode to this pin.
8
D3
LED3 driver input. Connect LED anode to VIN and cathode to this pin.
9
D2
LED2 driver input. Connect LED anode to VIN and cathode to this pin.
10
D1
LED1 driver input. Connect LED anode to VIN and cathode to this pin.
EPAD
HS PAD
Heat sink pad. Not internally connected. Connect to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com