Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLB Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLB
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLB Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLB Datasheet HTML 22Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 23Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 24Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 25Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 26Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 27Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 28Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 29Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
26
Freescale Semiconductor
DDR2 and DDR3 SDRAM Controller
Figure 6 provides the AC test load for the DDR2 and DDR3 Controller bus.
Figure 6. DDR2 and DDR3 Controller bus AC Test Load
6.2.3
DDR2 and DDR3 SDRAM Differential Timing Specifications
This section describes the DC and AC differential electrical specifications for the DDR2 and DDR3
SDRAM controller interface of the MPC8572E.
NOTE
VID specifies the input differential voltage |VTR -VCP| required for
switching, where VTR is the true input signal (such as MCK or MDQS) and
VCP is the complementary input signal (such as MCK or MDQS).
Table 18 provides the differential specifications for the MPC8572E differential signals MDQS/MDQS and
MCK/MCK when in DDR2 mode.
Table 18. DDR2 SDRAM Differential Electrical Characteristics
Parameter/Condition
Symbol
Min
Max
Unit
Notes
DC Input Signal Voltage
VIN
–0.3
GVDD + 0.3
V
—
DC Differential Input Voltage
VID
——
mV
—
AC Differential Input Voltage
VIDAC
——
mV
—
DC Differential Output Voltage
VOH
——
mV
—
AC Differential Output Voltage
VOHAC
JEDEC: 0.5
JEDEC: GVDD + 0.6
V
—
AC Differential Cross-point Voltage
VIXAC
——
mV
—
Input Midpoint Voltage
VMP
——
mV
—
Output
Z0 = 50 Ω
RL = 50 Ω
GVDD/2
VTR
VCP
GND
GVDD
VMP
VID or VOD
VIX or VOX
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com