Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLB Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLB
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLB Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLB Datasheet HTML 47Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 48Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 49Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 50Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 51Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 52Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 53Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 54Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
51
Ethernet Management Interface Electrical Characteristics
9.2
MII Management AC Electrical Specifications
Table 44 provides the MII management AC timing specifications.There are three sets of Ethernet
management signals (EC1_MDC and EC1_MDIO, EC3_MDC and EC3_MDIO, EC5_MDC and
EC5_MDIO). These are not explicitly shown in the table or in the figure following.
Input low current
(LVDD/TVDD = Max, VIN = 0.5 V)
IIL
–600
—
μA—
Note:
1. EC1_MDC and EC1_MDIO operate on LVDD.
2. EC3_MDC & EC3_MDIO and EC5_MDC & EC5_MDIO operate on TVDD.
3. Note that the symbol VIN, in this case, represents the LVIN and TVIN symbol referenced in Table 1.
Table 43. MII Management DC Electrical Characteristics (LVDD/TVDD=2.5 V)
Parameters
Symbol
Min
Max
Unit
Notes
Supply voltage 2.5 V
LVDD/TVDD
2.37
2.63
V
1,2
1 EC1_MDC and EC1_MDIO operate on LV
DD.
2 EC3_MDC & EC3_MDIO and EC5_MDC & EC5_MDIO operate on TV
DD.
Output high voltage
(LVDD/TVDD = Min, IOH = –1.0 mA)
VOH
2.00
LVDD/TVDD + 0.3
V
—
Output low voltage
(LVDD/TVDD = Min, IOL = 1.0 mA)
VOL
GND – 0.3
0.40
V
—
Input high voltage
VIH
1.70
LVDD/TVDD + 0.3
V
—
Input low voltage
VIL
–0.3
0.70
V
—
Input high current
(VIN = LVDD, VIN = TVDD)
IIH
—10
μA
1, 2,3
3 Note that the symbol V
IN, in this case, represents the LVIN and TVIN symbols referenced in Table 1.
Input low current
(VIN = GND)
IIL
–15
—
μA
3
Note:
Table 44. MII Management AC Timing Specifications
At recommended operating conditions with LVDD/TVDD of 3.3 V ± 5% or 2.5 V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
Notes
ECn_MDC frequency
fMDC
0.9
2.5
9.3
MHz
2, 3
ECn_MDC period
tMDC
107.5
—
1120
ns
—
ECn_MDC clock pulse width high
tMDCH
32
—
—
ns
—
ECn_MDC to ECn_MDIO delay
tMDKHDX
10
—
16*tplb_clk
ns
5
ECn_MDIO to ECn_MDC setup time
tMDDVKH
5—
—
ns
—
Table 42. MII Management DC Electrical Characteristics(LVDD/TVDD=3.3 V) (continued)
Parameter
Symbol
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com