Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLB Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLB
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLB Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLB Datasheet HTML 46Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 47Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 48Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 49Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 50Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 51Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 52Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 53Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
50
Freescale Semiconductor
Ethernet Management Interface Electrical Characteristics
9
Ethernet Management Interface Electrical
Characteristics
The electrical characteristics specified here apply to MII management interface signals ECn_MDIO
(management data input/output) and ECn_MDC (management data clock). The electrical characteristics
for GMII, SGMII, RGMII, RMII, TBI and RTBI are specified in “Section 8, “Ethernet: Enhanced
Three-Speed Ethernet (eTSEC).”
9.1
MII Management DC Electrical Characteristics
The ECn_MDC and ECn_MDIO are defined to operate at a supply voltage of 3.3 V or 2.5 V. The DC
electrical characteristics for ECn_MDIO and ECn_MDC are provided in Table 42 and Table 43.
TSEC_1588_CLK_OUT duty cycle
tT1588CLKOTH
/tT1588CLKOUT
30
50
70
%
—
TSEC_1588_PULSE_OUT
tT1588OV
0.5
—
3.0
ns
—
TSEC_1588_TRIG_IN pulse width
tT1588TRIGH
2*tT1588CLK_MAX
——
ns
2
Note:
1.When TMR_CTRL[CKSEL] is set as ‘00’, the external TSEC_1588_CLK input is selected as the 1588 timer reference clock
source, with the timing defined in Table 41, “eTSEC IEEE 1588 AC Timing Specifications.” The maximum value of tT1588CLK
is defined in terms of TTX_CLK, that is the maximum clock cycle period of the equivalent interface speed that the eTSEC1
port is running at. When eTSEC1 is configured to operate in the parallel mode, the TTX_CLK is the maximum clock period
of the TSEC1_TX_CLK. When eTSEC1 operates in SGMII mode, the maximum value of tT1588CLK is defined in terms of
the recovered clock from SGMII SerDes. For example, for SGMII 10/100/1000 Mbps modes, the maximum value of
tT1588CLK is 3600, 360, 72 ns respectively. See the MPC8572E PowerQUICC™ III Integrated Communications Processor
Reference Manual for detailed description of TMR_CTRL registers.
2. It needs to be at least two times of the clock period of the clock selected by TMR_CTRL[CKSEL].
Table 42. MII Management DC Electrical Characteristics(LVDD/TVDD=3.3 V)
Parameter
Symbol
Min
Max
Unit
Notes
Supply voltage (3.3 V)
LVDD/TVDD
3.13
3.47
V
1, 2
Output high voltage
(LVDD/TVDD = Min, IOH = –1.0 mA)
VOH
2.10
OVDD + 0.3
V
—
Output low voltage
(LVDD/TVDD =Min, IOL = 1.0 mA)
VOL
GND
0.50
V
—
Input high voltage
VIH
2.0
—
V
—
Input low voltage
VIL
—0.90
V
—
Input high current
(LVDD/TVDD = Max, VIN
3 = 2.1 V)
IIH
—40
μA—
Table 41. eTSEC IEEE 1588 AC Timing Specifications (continued)
At recommended operating conditions with LVDD/TVDD of 3.3 V ± 5% or 2.5 V ± 5%
Parameter/Condition
Symbol
Min
Typ
Max
Unit
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com