Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLB Datasheet(PDF) 127 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLB
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLB Datasheet(HTML) 127 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLB Datasheet HTML 123Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 124Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 125Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 126Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 127Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 128Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 129Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 130Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 131Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
127
System Design Information
of the device. These decoupling capacitors should receive their power from separate VDD,TVDD, BVDD,
OVDD, GVDD, and LVDD, and GND power planes in the PCB, utilizing short traces to minimize
inductance. Capacitors may be placed directly under the device using a standard escape pattern. Others
may surround the part.
These capacitors should have a value of 0.01 or 0.1 µF. Only ceramic SMT (surface mount technology)
capacitors should be used to minimize lead inductance, preferably 0402 or 0603 sizes.
Additionally, it is recommended that there be several bulk storage capacitors distributed around the PCB,
feeding the VDD, TVDD, BVDD, OVDD, GVDD, and LVDD planes, to enable quick recharging of the
smaller chip capacitors. These bulk capacitors should have a low ESR (equivalent series resistance) rating
to ensure the quick response time necessary. They should also be connected to the power and ground
planes through two vias to minimize inductance. Suggested bulk capacitors—100–330 µF (AVX TPS
tantalum or Sanyo OSCON).
21.4
SerDes Block Power Supply Decoupling Recommendations
The SerDes1 and SerDes2 blocks require a clean, tightly regulated source of power (SVDD_SRDSn and
XVDD_SRDSn) to ensure low jitter on transmit and reliable recovery of data in the receiver. An
appropriate decoupling scheme is outlined below.
Only surface mount technology (SMT) capacitors should be used to minimize inductance. Connections
from all capacitors to power and ground should be done with multiple vias to further reduce inductance.
•
First, the board should have at least 10 x 10-nF SMT ceramic chip capacitors as close as possible
to the supply balls of the device. Where the board has blind vias, these capacitors should be placed
directly below the chip supply and ground connections. Where the board does not have blind vias,
these capacitors should be placed in a ring around the device as close to the supply and ground
connections as possible.
•
Second, there should be a 1-µF ceramic chip capacitor from each SerDes supply (SVDD_SRDSn
and XVDD_SRDSn) to the board ground plane on each side of the device. This should be done for
all SerDes supplies.
•
Third, between the device and any SerDes voltage regulator there should be a 10-µF, low
equivalent series resistance (ESR) SMT tantalum chip capacitor and a 100-µF, low ESR SMT
tantalum chip capacitor. This should be done for all SerDes supplies.
21.5
Connection Recommendations
To ensure reliable operation, it is highly recommended to connect unused inputs to an appropriate signal
level. All unused active low inputs should be tied to VDD,TVDD, BVDD, OVDD, GVDD, and LVDD, as
required. All unused active high inputs should be connected to GND. All NC (no-connect) signals must
remain unconnected. Power and ground connections must be made to all external VDD,TVDD, BVDD,
OVDD, GVDD, and LVDD, and GND pins of the device.
21.6
Pull-Up and Pull-Down Resistor Requirements
The MPC8572E requires weak pull-up resistors (2–10 k
Ω is recommended) on open drain type pins
including I2C pins and MPIC interrupt pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com