Electronic Components Datasheet Search
  English  ▼

X  

FH105 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FH105
Description  High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FH105 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FH105 Datasheet HTML 1Page - Sanyo Semicon Device FH105 Datasheet HTML 2Page - Sanyo Semicon Device FH105 Datasheet HTML 3Page - Sanyo Semicon Device FH105 Datasheet HTML 4Page - Sanyo Semicon Device FH105 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
NPN Epitaxial Planar Silicon Composite Transistor
High-Frequency Low-Noise Amplifier,
Differential Amplifier Applications
Ordering number:ENN6219
FH105
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
N0199TS (KOTO) TA-1702 No.6219–1/5
0 to 0.1
0.65
2.0
0.25
12
54
0.15
3
6
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2160
[FH105]
Features
· Composite type with 2 transistors contained in the
MCP package currently in use, improving the
mounting efficiency greatly.
· The FH105 is formed with two chips, being equiva-
lent to the 2SC5245, placed in one package.
· Excellent in thermal equilibrium and pair capability.
Electrical Connection
˚C
˚C
Electrical Characteristics at Ta = 25˚C
1 : Collector1
2 : Base2
3 : Collector2
4 : Emitter2
5 : Emitter1
6 : Base1
SANYO : MCP6
Continued on next page.
Note) The specifications shown above are for each individual transistor.
Marking : 105
E1
B1
Tr1
Tr2
E2
C1
B2
C2
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
2V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
1V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
5
.
1V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
3A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
0
5
1W
m
n
o
i
t
a
p
i
s
s
i
D
l
a
t
o
TPT
0
0
3W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
Mounted on a ceramic board (250mm2
×0.8mm) 1unit
Mounted on a ceramic board (250mm2
×0.8mm)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
1
=
E 0
=0
.
1A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
1
=
C 0
=0
1A
µ
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F
V E
C
I
,
V
5
=
C
A
m
0
1
=
0
90
0
2
o
i
t
a
R
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F
)
e
g
r
a
l
/
ll
a
m
s
(
V E
C
I
,
V
5
=
C
A
m
0
1
=7
.
05
9
.
0
e
c
n
e
r
e
f
f
i
D
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
e
s
a
B
V E
B
)
ll
a
m
s
-
e
g
r
a
l
(
V B
C
I
,
V
5
=
C
A
m
0
1
=0
.
1V
m


Similar Part No. - FH105

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FH105A SANYO-FH105A Datasheet
67Kb / 6P
NPN Epitaxial Planar Silicon Composite Transistor High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH105A SANYO-FH105A Datasheet
484Kb / 8P
High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
logo
ON Semiconductor
FH105A ONSEMI-FH105A Datasheet
479Kb / 8P
RF Transistor 10V, 30mA, fT=8GHz, NPN Dual MCP6
August, 2013
FH105A-TR-E ONSEMI-FH105A-TR-E Datasheet
479Kb / 8P
RF Transistor 10V, 30mA, fT=8GHz, NPN Dual MCP6
August, 2013
logo
Sanyo Semicon Device
FH105A SANYO-FH105A_12 Datasheet
484Kb / 8P
High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
More results

Similar Description - FH105

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5414 SANYO-2SC5414 Datasheet
47Kb / 6P
High-Frequency Low-Noise Amplifier Applications
2SC5415 SANYO-2SC5415 Datasheet
47Kb / 6P
High-Frequency Low-Noise Amplifier Applications
2SC5502 SANYO-2SC5502 Datasheet
48Kb / 6P
High-Frequency Low-Noise Amplifier Applications
FH103 SANYO-FH103 Datasheet
49Kb / 4P
High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH104 SANYO-FH104 Datasheet
49Kb / 4P
High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
2SC5415A SANYO-2SC5415A Datasheet
98Kb / 6P
High-Frequency Low-Noise Amplifier Applications
2SC5414A SANYO-2SC5414A Datasheet
54Kb / 6P
High-Frequency Low-Noise Amplifier Applications
CPH6001A SANYO-CPH6001A_12 Datasheet
495Kb / 8P
High-Frequency Low-Noise Amplifier Applications
FH105A SANYO-FH105A_12 Datasheet
484Kb / 8P
High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
logo
Toshiba Semiconductor
2SK240 TOSHIBA-2SK240 Datasheet
126Kb / 4P
LOW NOISE AUDIO AMPLIFIER APPLICATIONS. DIFFERENTIAL AMPLIFIER APPLICATIONS.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com