Electronic Components Datasheet Search
  English  ▼

X  

FH105 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FH105
Description  High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FH105 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FH105 Datasheet HTML 1Page - Sanyo Semicon Device FH105 Datasheet HTML 2Page - Sanyo Semicon Device FH105 Datasheet HTML 3Page - Sanyo Semicon Device FH105 Datasheet HTML 4Page - Sanyo Semicon Device FH105 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FH105
No.6219–2/5
Continued from preceding page.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
5
=
C
A
m
0
1
=
81
1z
H
G
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
O
b
o
C
V B
C
z
H
M
1
=
f
,
V
0
1
=
5
4
.
07
.
0F
p
n
i
a
G
r
e
f
s
n
a
r
T
d
r
a
w
r
o
F
|
e
1
2
S
|
2
V E
C
I
,
V
5
=
C
z
H
G
5
.
1
=
f
,
A
m
0
1
=
80
1B
d
e
r
u
g
i
F
e
s
i
o
N
F
NV E
C
I
,
V
5
=
C
z
H
G
5
.
1
=
f
,
A
m
5
=4
.
10
.
3B
d
12
10
8
6
4
2
0
0.1
NF -- IC
1.0
23
3
57
2
2
35
7 10
5
2
2
5
f=1.5GHz
VCE=2V
f=1GHz
Cre -- VCB
5
3
2
1.0
7
0.1
7
5
3
2
5
7 0.1
23
5
7
1.0
23
23
57
10
5
12
10
8
6
4
2
0
0.1
NF -- IC
1.0
23
3
57
2
2
35
7 10
5
5
3
2
1.0
7
0.1
7
5
3
2
7 0.1
23
5
7 1.0
23
2
3
57 10
5
Cob -- VCB
2
10
7
5
7
5
3
3
2
1.0
0.1
1.0
23
5
7
2
3
5
2
3
5
7
10
fT -- IC
3
2
100
7
5
5
3
2
10
7
5
0.1
1.0
10
23
5
7
100
23
5
7
23
5
7
hFE -- IC
VCE=5V
f=1MHz
f=1MHz
V CE
=5V
1V
IT00322
IT00323
IT00324
IT00325
IT00326
IT00327
Collector Current, IC –mA
Collector Current, IC –mA
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
Collector Current, IC –mA
Collector Current, IC –mA
Note) The specifications shown above are for each individual transistor.
Marking : 105



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com