Electronic Components Datasheet Search
  English  ▼

X  

FH105 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FH105
Description  High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FH105 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FH105 Datasheet HTML 1Page - Sanyo Semicon Device FH105 Datasheet HTML 2Page - Sanyo Semicon Device FH105 Datasheet HTML 3Page - Sanyo Semicon Device FH105 Datasheet HTML 4Page - Sanyo Semicon Device FH105 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FH105
No.6219–3/5
16
14
12
10
8
6
4
2
0
3
1.0
57
10
23
5
7
100
23
5
7
S21e
2 -- IC
16
14
12
10
8
6
4
2
0
3
1.0
57
10
23
5
7
100
23
5
7
S21e
2 -- IC
f=1.5GHz
f=1GHz
IT00326
IT00328
IT00329
C
C
Collector Current, IC –mA
Collector Current, IC –mA
350
250
200
300
150
100
50
0
0
160
140
120
100
80
60
40
20
PC -- Ta
90°
120°
150°
±180°
--150°
--120°
--90°
--30°
--60°
0
60°
30°
20
16
12
8
4
S11e
f=200MHz to 2000MHz(200MHz Step)
S21e
f=200MHz to 2000MHz(200MHz Step)
2.0GHz
2.0GHz
2.0GHz
0.2GHz
0.2GHz
VCE=5V
IC=10mA
VCE=2V
IC=3mA
VCE=5V
IC=5mA
IT00330
j50
j25
j10
0
10
--j10
--j25
--j50
--j100
--j150
--j200
--j250
j100
j150
j200
j250
100
150
250
2.0GHz
2.0GHz
2.0GHz
2.0GHz
0.2GHz
0.2GHz
0.2GHz
0.2GHz
50
25
VCE=5V
IC=10mA
VCE=1V
IC=1mA
VCE=2V
IC=3mA
VCE=5V
IC=5mA
IT00331
IT00332
VCE=1V
IC=1mA 0.2GHz
2.0GHz
0.2GHz
Mounted on a ceramic board (250mm2
×0.8mm)
Total
dissipation
1 unit
Ambient Temperature, Ta –
°C
S parameter



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com