Electronic Components Datasheet Search
  English  ▼

X  

ADT7110 Datasheet(PDF) 2 Page - ADTech

Part # ADT7110
Description  fixed frequency step-down converter designed to drive Infrared LEDs in the CCD camera module application
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT7110 Datasheet(HTML) 2 Page - ADTech

  ADT7110 Datasheet HTML 1Page - ADTech ADT7110 Datasheet HTML 2Page - ADTech ADT7110 Datasheet HTML 3Page - ADTech ADT7110 Datasheet HTML 4Page - ADTech ADT7110 Datasheet HTML 5Page - ADTech ADT7110 Datasheet HTML 6Page - ADTech ADT7110 Datasheet HTML 7Page - ADTech ADT7110 Datasheet HTML 8Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Jun. 07. 2008 / Rev. 0.1
ADT7110
2/8
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
Part List
Component
Description
Type
Value
U1*1
Composite type with a PNP transistor
and schottky barrier diode
IC
FP103
L1
Output filter inductor
Chip inductor
47uH/590mA
C1
Output filter capacitor
Tantalum capacitor
47uF/16V
C2
Bypass capacitor
Tantalum capacitor
10uF/25V
R
SE
Current sense resistor
Chip resistor
0.1Ω
R
LED1 ~ RLED6
*2
LED current ballast resistor
Chip resistor , 1%
4.0Ω
R
FB1a ~ RFB1f
Buck converter feedback loop
component
Chip resistor
120㏀ (table 3)
R
FB2
*3
Buck converter feedback loop
component
Chip resistor , 1%
68㏀ (table 2)
*1 : For cost down , it is possible to use discrete component with a PNP transistor and a schottky barrier diode.
In this case, you make use the discrete components with proper electrical specification.
Table A shows the required key electrical limits. It is recommended to use PNP and schottky barrier diode
having equivalent specification in the Table A.
*2, *3 : To setting appropriate LED current, Refer to ‘Application Hints’.
Component
Parameter
Ratings
Unit
Remarks
PNP
Collector to Emitter Voltage
-23
V
Recommend
‘2SB1706’ by ROHM or Equivalent IC
Collector Current
-2
A
Schottky
Barrier Diode
Repetitive Peak Reverse Voltage
30
V
Recommend
‘RSX101M-30’ by ROHM or Equivalent
Average Rectified Current
700
mA
Table A : Selection guide for the discrete components



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com