Electronic Components Datasheet Search
  English  ▼

X  

ADT7110 Datasheet(PDF) 3 Page - ADTech

Part # ADT7110
Description  fixed frequency step-down converter designed to drive Infrared LEDs in the CCD camera module application
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT7110 Datasheet(HTML) 3 Page - ADTech

  ADT7110 Datasheet HTML 1Page - ADTech ADT7110 Datasheet HTML 2Page - ADTech ADT7110 Datasheet HTML 3Page - ADTech ADT7110 Datasheet HTML 4Page - ADTech ADT7110 Datasheet HTML 5Page - ADTech ADT7110 Datasheet HTML 6Page - ADTech ADT7110 Datasheet HTML 7Page - ADTech ADT7110 Datasheet HTML 8Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Jun. 07. 2008 / Rev. 0.1
ADT7110
3/8
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
Pin Configuration
Pin No.
Name
I/O
Type
Description
1
RS
I
A
Current sense and provide voltage feed-forward.
2
GND
-
G
Ground
3
PWM
O
D
Switching output.
4
FB
I
A
Feedback voltage input
5
EN
I
D
Device enable pin
6
VIN
-
P
Power supply input
Pin Description
I : Input pin
O : Output pin
IO : Input/Output pin
P : Power pin
G : Ground pin
A : Analog pin
D : Digital pin
1
2
3
6
5
4
Functional Block Diagram
Internal
REG.
BIAS
REF
EN
GND
FB
VIN
RS
SW
Current
Sense
-
+
OSC
∑
-
+
PWM
Comparator
Driver
gm
+
-
Control
Logic
Set
Set
Error
Amplifier
-
+
Current
Limit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com