Electronic Components Datasheet Search
  English  ▼

X  

ADT7110 Datasheet(PDF) 4 Page - ADTech

Part # ADT7110
Description  fixed frequency step-down converter designed to drive Infrared LEDs in the CCD camera module application
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT7110 Datasheet(HTML) 4 Page - ADTech

  ADT7110 Datasheet HTML 1Page - ADTech ADT7110 Datasheet HTML 2Page - ADTech ADT7110 Datasheet HTML 3Page - ADTech ADT7110 Datasheet HTML 4Page - ADTech ADT7110 Datasheet HTML 5Page - ADTech ADT7110 Datasheet HTML 6Page - ADTech ADT7110 Datasheet HTML 7Page - ADTech ADT7110 Datasheet HTML 8Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Jun. 07. 2008 / Rev. 0.1
ADT7110
4/8
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
Absolute Maximum Ratings
Note1. derate 301℃/W above +70℃.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage
V
IN
--
23
V
Power dissipation (Ta=70℃) (Note1)
P
Dmax
--
265
㎽
Storage temperature
T
STG
-65
-
+150
℃
Junction temperature
T
Jmax
--
+150
℃
Thermal resistance
Θ
JA
-301.2
-
℃/W
Operating Ratings
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage*2
V
IN
10.5
12.0
15.0
V
Operating temperature
T
OPR
-20
-
+85
℃
Junction temperature
T
J
--
+125
℃
Max. power dissipation (Ta=70℃)*1
P
D
--
180
㎽
*1 This spec. indicates that junction temperature of the device is under 125℃. In specific applications ,
this is recommended under this power dissipation specification.
*2 Minimum V
IN operating range is dependant to the VOUT voltage. ( VIN min. ≒ VOUT + 0.5V)
Maximum V
IN operating range can be extended. In this case, maximum drive current is limited.
For using V
IN over 15V, refer to the Table B.
Electrical Characteristics (Ta=25℃, VIN=12V, unless otherwise noted)
Parameter
Condition
MIN
TYP
MAX
Unit
Note
Supply current, operating
V(EN) = 3.3V , I
O=300㎃
-
6
9
㎃
Supply current, disable
V(EN) = 0V
-
90
200
㎂
V(EN), input voltage high
-
2.4
-
-
V
V(EN), input voltage low
-
-
-
1.2
V
PWM controller
Output drive current
VIN ≤ 15V
-
300
350
㎃
Current limit
-
550
-
-
㎃
Efficiency
I
O=300㎃
-
85
-
%
Oscillator frequency
I
O=300㎃
350
500
625
㎑
Feedback voltage (V
FB)
I
O=300㎃
2.16
2.21
2.26
V
V
IN (V)
1617
1819202122
Drive current (㎃)
330
310
290
270
250
230
210
Table B : Maximum drive current as maximum V
IN operating voltage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com