Electronic Components Datasheet Search
  English  ▼

X  

LM22671 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM22671
Description  500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM22671 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM22671 Datasheet HTML 1Page - National Semiconductor (TI) LM22671 Datasheet HTML 2Page - National Semiconductor (TI) LM22671 Datasheet HTML 3Page - National Semiconductor (TI) LM22671 Datasheet HTML 4Page - National Semiconductor (TI) LM22671 Datasheet HTML 5Page - National Semiconductor (TI) LM22671 Datasheet HTML 6Page - National Semiconductor (TI) LM22671 Datasheet HTML 7Page - National Semiconductor (TI) LM22671 Datasheet HTML 8Page - National Semiconductor (TI) LM22671 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Connection Diagram
30076840
8-Lead Plastic PSOP-8 Package
NS Package Number MRA08B
Ordering Information
Output Voltage
Order Number
Package Type
NSC Package Drawing
Features
ADJ
LM22671MR-ADJ
PSOP-8 Exposed Pad
MRA08B
ADJ
LM22671MRE-ADJ
ADJ
LM22671MRX-ADJ
5.0
LM22671MR-5.0
5.0
LM22671MRE-5.0
5.0
LM22671MRX-5.0
ADJ
LM22671QMR-ADJ
PSOP-8 Exposed Pad
MRA08B
AEC-Q100 Grade 1 qualified.
Automotive Grade Production
Flow*
ADJ
LM22671QMRE-ADJ
ADJ
LM22671QMRX-ADJ
5.0
LM22671QMR-5.0
5.0
LM22671QMRE-5.0
5.0
LM22671QMRX-5.0
*Automotive Grade (Q) product incorporates enhanced manufacturing and support processes for the automotive market, including defect detection methodologies.
Reliability qualification is compliant with the requirements and temperature grades defined in the AEC-Q100 standard. Automotive grade products are identified
with the letter Q. For more information go to http://www.national.com/automotive.
Pin Descriptions
Pin
Name
Description
Application Information
1
BOOT
Bootstrap input
Provides the gate voltage for the high side NFET.
2
SS
Soft-start pin
An external capacitor and an internal 50 µA current source set the time
constant for the rise of the error amplifier reference. Pin can be left floating
and internal soft-start will be default.
3
RT/SYNC Oscillator frequency adjust pin or
frequency synchronization
A resistor connected from this pin to GND adjusts the oscillator frequency.
This pin can also accept an input for synchronization from an external
clock. Pin can be left floating and internal setting will be default to 500 kHz.
4
FB
Feedback pin
Inverting input to the internal voltage error amplifier.
5
EN
Precision enable pin
When pulled low regulator turns off.
6
GND
System ground
Provide good capacitive decoupling between VIN and this pin.
7
VIN
Source input voltage
Input to the regulator. Operates from 4.5V to 42V.
8
SW
Switch pin
Attaches to the switch node.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com