Electronic Components Datasheet Search
  English  ▼

X  

LM22671 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM22671
Description  500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM22671 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM22671 Datasheet HTML 1Page - National Semiconductor (TI) LM22671 Datasheet HTML 2Page - National Semiconductor (TI) LM22671 Datasheet HTML 3Page - National Semiconductor (TI) LM22671 Datasheet HTML 4Page - National Semiconductor (TI) LM22671 Datasheet HTML 5Page - National Semiconductor (TI) LM22671 Datasheet HTML 6Page - National Semiconductor (TI) LM22671 Datasheet HTML 7Page - National Semiconductor (TI) LM22671 Datasheet HTML 8Page - National Semiconductor (TI) LM22671 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM22671/LM22671Q
December 10, 2010
500 mA SIMPLE SWITCHER®, Step-Down Voltage
Regulator with Features
General Description
The LM22671 series of regulators are monolithic integrated
circuits which provide all of the active functions for a step-
down (buck) switching regulator capable of driving up to 500
mA loads with excellent line and load regulation characteris-
tics. High efficiency (>90%) is obtained through the use of a
low ON-resistance N-channel MOSFET. The series consists
of a fixed 5V output and an adjustable version.
The SIMPLE SWITCHER® concept provides for an easy to
use complete design using a minimum number of external
components
and
National’s
WEBENCH®
design
tool.
National’s WEBENCH® tool includes features such as exter-
nal component calculation, electrical simulation, thermal sim-
ulation, and Build-It boards for easy design-in. The switching
clock frequency is provided by an internal fixed frequency os-
cillator which operates at 500 kHz. The switching frequency
can also be adjusted with an external resistor or synchronized
to an external clock up to 1 MHz. It is also possible to self-
synchronize multiple regulators to share the same switching
frequency. The LM22671 series also has built in thermal shut-
down, current limiting and an enable control input that can
power down the regulator to a low 25 µA quiescent current
standby condition. An adjustable soft-start feature is provided
by selecting an appropriate external soft-start capacitor.
Features
■ Wide input voltage range: 4.5V to 42V
■ Internally compensated voltage mode control
■ Stable with low ESR ceramic capacitors
■ 200 mΩ N-channel MOSFET
■ Output voltage options:
-ADJ (outputs as low as 1.285V)
-5.0 (output fixed to 5V)
■ ±1.5% feedback reference accuracy
■ Switching frequency of 500 kHz, adjustable between 200
kHz and 1 MHz
■ -40°C to 125°C operating junction temperature range
■ Precision enable pin
■ Integrated boot diode
■ Adjustable soft-start
■ Fully WEBENCH® enabled
■ Step-down and inverting buck-boost applications
■ LM22671Q is an Automotive Grade product that is AEC-
Q100 grade 1 qualified (-40°C to +125°C operating
junction temperature)
Package
■ PSOP-8 (Exposed Pad)
Applications
■ Industrial Control
■ Telecom and Datacom Systems
■ Embedded Systems
■ Automotive Telematics and Body Electronics
■ Conversions from Standard 24V, 12V and 5V Input Rails
Simplified Application Schematic
30076801
© 2010 National Semiconductor Corporation
300768
www.national.com


Similar Part No. - LM22671

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM22671 NSC-LM22671 Datasheet
426Kb / 18P
500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22671 TI-LM22671 Datasheet
1Mb / 25P
LM22671/LM22671-Q1 42V, 500mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator
LM22671-Q1 TI-LM22671-Q1 Datasheet
1Mb / 29P
LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM22671MR-5.0 NSC-LM22671MR-5.0 Datasheet
426Kb / 18P
500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22671MR-5.0 TI-LM22671MR-5.0 Datasheet
1Mb / 25P
LM22671/LM22671-Q1 42V, 500mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator
More results

Similar Description - LM22671

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM22680 NSC-LM22680 Datasheet
568Kb / 16P
2A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671 NSC-LM22671 Datasheet
426Kb / 18P
500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22672 NSC-LM22672 Datasheet
435Kb / 18P
1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22674 NSC-LM22674 Datasheet
564Kb / 14P
500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM2674 TI1-LM2674 Datasheet
1Mb / 32P
LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM22674 TI-LM22674 Datasheet
2Mb / 22P
LM22674/LM22674-Q1 42V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22671 TI-LM22671_15 Datasheet
1Mb / 29P
LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22674 TI-LM22674_15 Datasheet
1Mb / 26P
LM22674/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM2671 TI1-LM2671 Datasheet
2Mb / 36P
LM2671 SIMPLE SWITCHER짰 Power Converter High Efficiency 500-mA Step-Down Voltage Regulator With Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com