Electronic Components Datasheet Search
  English  ▼

X  

LM22671 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM22671
Description  500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM22671 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM22671 Datasheet HTML 1Page - National Semiconductor (TI) LM22671 Datasheet HTML 2Page - National Semiconductor (TI) LM22671 Datasheet HTML 3Page - National Semiconductor (TI) LM22671 Datasheet HTML 4Page - National Semiconductor (TI) LM22671 Datasheet HTML 5Page - National Semiconductor (TI) LM22671 Datasheet HTML 6Page - National Semiconductor (TI) LM22671 Datasheet HTML 7Page - National Semiconductor (TI) LM22671 Datasheet HTML 8Page - National Semiconductor (TI) LM22671 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
VIN to GND
43V
EN Pin Voltage
-0.5V to 6V
SS, RT/SYNC Pin Voltage
-0.5V to 7V
SW to GND (Note 2)
-5V to V
IN
BOOT Pin Voltage
V
SW + 7V
FB Pin Voltage
-0.5V to 7V
Power Dissipation
Internally Limited
Junction Temperature
150°C
Soldering Information
Infrared (5 sec.)
260°C
ESD Rating (Note 3)
Human Body Model
±2 kV
Storage Temperature Range
-65°C to +150°C
Operating Ratings (Note 1)
Supply Voltage (V
IN)
4.5V to 42V
Junction Temperature Range
-40°C to +125°C
Electrical Characteristics Limits in standard type are for T
J = 25°C only; limits in boldface type apply over the
junction temperature (T
J) range of -40°C to +125°C. Minimum and Maximum limits are guaranteed through test, design, or statistical
correlation. Typical values represent the most likely parametric norm at T
A = TJ = 25°C, and are provided for reference purposes
only. Unless otherwise specified: V
IN = 12V.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
LM22671-5.0
V
FB
Feedback Voltage
V
IN = 8V to 42V
4.925/4.9
5.0
5.075/5.1
V
LM22671-ADJ
V
FB
Feedback Voltage
V
IN = 4.7V to 42V
1.266/1.259
1.285
1.304/1.311
V
All Output Voltage Versions
I
Q
Quiescent Current
V
FB = 5V
3.4
6
mA
I
STDBY
Standby Quiescent Current
EN Pin = 0V
25
40
µA
I
CL
Current Limit
0.62/0.56
0.7
0.84/0.9
A
I
L
Output Leakage Current
V
IN = 42V, EN Pin = 0V, VSW = 0V
0.2
2
µA
V
SW = -1V
0.1
3
µA
R
DS(ON)
Switch On-Resistance
0.2
0.24/0.32
Ω
f
O
Oscillator Frequency
400
500
600
kHz
T
OFFMIN
Minimum Off-time
100
200
300
ns
T
ONMIN
Minimum On-time
100
ns
I
BIAS
Feedback Bias Current
V
FB = 1.3V (ADJ Version Only)
230
nA
V
EN
Enable Threshold Voltage
Falling
1.3
1.6
1.9
V
V
ENHYST
Enable Voltage Threshold
Hysteresis
0.6
V
I
EN
Enable Input Current
EN Input = 0V
6
µA
F
SYNC
Synchronization Frequency
V
SYNC = 3.5V, 50% duty-cycle
1
MHz
V
SYNC
Synchronization Threshold
Voltage
1.75
V
I
SS
Soft-Start Current
30
50
70
µA
T
SD
Thermal Shutdown
Threshold
150
°C
θ
JA
Thermal Resistance
MR package, Junction to ambient
temperature resistance (Note 6)
60
°C/W
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com