Electronic Components Datasheet Search
  English  ▼

X  

TC1797 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TC1797
Description  32-Bit Single-Chip Microcontroller
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1797 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TC1797 Datasheet HTML 35Page - Infineon Technologies AG TC1797 Datasheet HTML 36Page - Infineon Technologies AG TC1797 Datasheet HTML 37Page - Infineon Technologies AG TC1797 Datasheet HTML 38Page - Infineon Technologies AG TC1797 Datasheet HTML 39Page - Infineon Technologies AG TC1797 Datasheet HTML 40Page - Infineon Technologies AG TC1797 Datasheet HTML 41Page - Infineon Technologies AG TC1797 Datasheet HTML 42Page - Infineon Technologies AG TC1797 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 190 page
background image
TC1797
Introduction
Data Sheet
35
V1.1, 2009-04
2.5.2
High-Speed Synchronous Serial Interfaces
The TC1797 includes two High-Speed Synchronous Serial Interfaces, SSC0 and SSC1.
Both SSC modules have the same functionality.
Figure 6 shows a global view of the Synchronous Serial interface (SSC).
Figure 6
General Block Diagram of the SSC Interface
The SSC supports full-duplex and half-duplex serial synchronous communication up to
45 Mbit/s (@ 90 MHz module clock, Master Mode). The serial clock signal can be
generated by the SSC itself (Master Mode) or can be received from an external master
(Slave Mode). Data width, shift direction, clock polarity and phase are programmable.
This allows communication with SPI-compatible devices. Transmission and reception of
data are double-buffered. A shift clock generator provides the SSC with a separate serial
clock signal. One slave select input is available for slave mode operation. Eight
programmable slave select outputs (chip selects) are supported in Master Mode.
MCB06058_mod
Clock
Control
Address
Decoder
Interrupt
Control
f
SSC
SSC
Module
(Kernel)
MRSTB
MTSR
Master
RIR
TIR
EIR
SLSI[7:1]
SLSI[7:1]
SLSO[7:0]
SLSO[7:0]
MRST
MTSR
SCLK
MRSTA
MTSRB
MRST
MTSRA
SCLKB
SCLK
SCLKA
Slave
Slave
Master
Slave
Master
Port
Control
f
CLC
Enable
M/S Select
DMA Requests
SLSOANDO[7:0]
SLSOANDO[7:0]
SLSOANDI[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com