Electronic Components Datasheet Search
  English  ▼

X  

TC1797 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TC1797
Description  32-Bit Single-Chip Microcontroller
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1797 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TC1797 Datasheet HTML 18Page - Infineon Technologies AG TC1797 Datasheet HTML 19Page - Infineon Technologies AG TC1797 Datasheet HTML 20Page - Infineon Technologies AG TC1797 Datasheet HTML 21Page - Infineon Technologies AG TC1797 Datasheet HTML 22Page - Infineon Technologies AG TC1797 Datasheet HTML 23Page - Infineon Technologies AG TC1797 Datasheet HTML 24Page - Infineon Technologies AG TC1797 Datasheet HTML 25Page - Infineon Technologies AG TC1797 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 190 page
background image
TC1797
Introduction
Data Sheet
18
V1.1, 2009-04
2.3
On-Chip System Units
The TC1797 microcontroller offers several versatile on-chip system peripheral units
such as DMA controller, embedded Flash module, interrupt system and ports.
2.3.1
Flexible Interrupt System
The TC1797 includes a programmable interrupt system with the following features:
Features
•
Fast interrupt response
•
Independent interrupt systems for CPU and PCP
•
Each SRN can be mapped to the CPU or PCP interrupt system
•
Flexible interrupt-prioritizing scheme with 255 interrupt priority levels per interrupt
system
2.3.2
Direct Memory Access Controller
The TC1797 includes a fast and flexible DMA controller with 16 independant DMA
channels (two DMA Move Engines).
Features
•
8 independent DMA channels
– 8 DMA channels in the DMA Sub-Block
– Up to 16 selectable request inputs per DMA channel
– 2-level programmable priority of DMA channels within the DMA Sub-Block
– Software and hardware DMA request
– Hardware requests by selected on-chip peripherals and external inputs
•
3-level programmable priority of the DMA Sub-Block at the on chip bus interfaces
•
Buffer capability for move actions on the buses (at least 1 move per bus is buffered)
•
Individually programmable operation modes for each DMA channel
– Single Mode: stops and disables DMA channel after a predefined number of DMA
transfers
– Continuous Mode: DMA channel remains enabled after a predefined number of
DMA transfers; DMA transaction can be repeated
– Programmable address modification
– Two shadow register modes (with / w/o automatic re-set and direct write access).
•
Full 32-bit addressing capability of each DMA channel
– 4 Gbyte address range
– Data block move supports > 32 Kbyte moves per DMA transaction
– Circular buffer addressing mode with flexible circular buffer sizes
•
Programmable data width of DMA transfer/transaction: 8-bit, 16-bit, or 32-bit
•
Register set for each DMA channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com