Electronic Components Datasheet Search
  English  ▼

X  

TC1797 Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # TC1797
Description  32-Bit Single-Chip Microcontroller
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1797 Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button TC1797 Datasheet HTML 45Page - Infineon Technologies AG TC1797 Datasheet HTML 46Page - Infineon Technologies AG TC1797 Datasheet HTML 47Page - Infineon Technologies AG TC1797 Datasheet HTML 48Page - Infineon Technologies AG TC1797 Datasheet HTML 49Page - Infineon Technologies AG TC1797 Datasheet HTML 50Page - Infineon Technologies AG TC1797 Datasheet HTML 51Page - Infineon Technologies AG TC1797 Datasheet HTML 52Page - Infineon Technologies AG TC1797 Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 190 page
background image
TC1797
Introduction
Data Sheet
45
V1.1, 2009-04
2.5.6
Micro Link Serial Bus Interface
This TC1797 contains two Micro Link Serial Bus Interfaces, MLI0 and MLI1.
The Micro Link Interface (MLI) is a fast synchronous serial interface to exchange data
between microcontrollers or other devices, such as stand-alone peripheral components.
Figure 10 shows how two microcontrollers are typically connected together via their MLI
interfaces.
Figure 10
Typical Micro Link Interface Connection
Features
•
Synchronous serial communication between an MLI transmitter and an MLI receiver
•
Different system clock speeds supported in MLI transmitter and MLI receiver due to
full handshake protocol (4 lines between a transmitter and a receiver)
•
Fully transparent read/write access supported (= remote programming)
•
Complete address range of target device available
•
Specific frame protocol to transfer commands, addresses and data
•
Error detection by parity bit
•
32-bit, 16-bit, or 8-bit data transfers supported
•
Programmable baud rate:
f
MLI/2 (max. fMLI = fSYS)
•
Address range protection scheme to block unauthorized accesses
•
Multiple receiving devices supported
MCA06061
Controller 1
CPU
Peripheral
B
Peripheral
A
MLI
System Bus
Controller 2
CPU
Peripheral
D
Peripheral
C
MLI
System Bus
Memory
Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com