Electronic Components Datasheet Search
  English  ▼

X  

TEF6902A Datasheet(PDF) 39 Page - NXP Semiconductors

Part # TEF6902A
Description  Integrated car radio
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEF6902A Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button TEF6902A Datasheet HTML 35Page - NXP Semiconductors TEF6902A Datasheet HTML 36Page - NXP Semiconductors TEF6902A Datasheet HTML 37Page - NXP Semiconductors TEF6902A Datasheet HTML 38Page - NXP Semiconductors TEF6902A Datasheet HTML 39Page - NXP Semiconductors TEF6902A Datasheet HTML 40Page - NXP Semiconductors TEF6902A Datasheet HTML 41Page - NXP Semiconductors TEF6902A Datasheet HTML 42Page - NXP Semiconductors TEF6902A Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 106 page
background image
TEF6902A_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 19 March 2008
39 of 106
NXP Semiconductors
TEF6902A
Integrated car radio
[1]
X = don’t care.
8.2.7 Tuning overview
High injection LO (Europe FM, US FM and AM):
with LOINJ = 0 to achieve full image suppression in FM.
Low injection LO (Japan FM and OIRT):
with LOINJ = 1 to achieve full image suppression in FM.
where: M is the divider ratio of the VCO frequency for AM mixer 1 and FM mixer 1
.
Table 40.
Charge pump source[1]
FREF2
FREF1
FREF0
LOINJ
Charge pump
current
fref
0
0
0
X
CP1
100 kHz
0
0
1
X
CP2
50 kHz
0
1
0
X
CP3
25 kHz
0
1
1
1
CP3
20 kHz
0
1
1
0
CP4
20 kHz
1
0
0
X
CP5
10 kHz
1
0
1
X
reserved
1
1
0
X
reserved
1
1
1
X
reserved
Table 41.
Standard tuner settings
Broadcast band
BAND[2:0]
M
FREF[2:0]
fref
LOINJ
Tuning step
Europe FM and US FM
001
2
000
100 kHz
0
50 kHz
Japan FM
010
3
000
100 kHz
1
33.3 kHz
Eastern Europe FM
(OIRT FM)
010
3
011
20 kHz
1
6.67 kHz
AM MW and LW
111
20
011
20 kHz
0
1 kHz
AM SW 120 m to 60 m
110
16
100
10 kHz
0
0.625 kHz
AM SW 49 m to 22 m
101
10
100
10 kHz
0
1 kHz
AM SW 25 m to 15 m
100
8
100
10 kHz
0
1.25 kHz
AM SW 16 m to 11 m
011
6
100
10 kHz
0
1.67 kHz
N
f
RF
10.7 MHz
+
() M
×
f
ref
-----------------------------------------------------
=
N
f
RF
10.7 MHz
–
() M
×
f
ref
-----------------------------------------------------
=
tuning step
f
ref
M
------
=
M
f
VCO
f
mixer 1
---------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com