Electronic Components Datasheet Search
  English  ▼

X  

TEF6902A Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TEF6902A
Description  Integrated car radio
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEF6902A Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TEF6902A Datasheet HTML 12Page - NXP Semiconductors TEF6902A Datasheet HTML 13Page - NXP Semiconductors TEF6902A Datasheet HTML 14Page - NXP Semiconductors TEF6902A Datasheet HTML 15Page - NXP Semiconductors TEF6902A Datasheet HTML 16Page - NXP Semiconductors TEF6902A Datasheet HTML 17Page - NXP Semiconductors TEF6902A Datasheet HTML 18Page - NXP Semiconductors TEF6902A Datasheet HTML 19Page - NXP Semiconductors TEF6902A Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 106 page
background image
TEF6902A_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 19 March 2008
16 of 106
NXP Semiconductors
TEF6902A
Integrated car radio
8.1.2 Read mode: data byte LEVEL
After AF update sampling the level read value is held (indicated by IFCM = 10) for easy
I2C-bus read-out. The level detector remains active in the background. The LEV data hold
is released after I2C-bus read.
To reduce the influence of modulation in AM mode the LEV information is additionally
filtered by a slow 60 ms detector. Fast level information is made available during
AF update and check tuning.
For standard operation the following level alignment (byte LEVELALGN; see Table 43) is
used:
FM and AM level slope;
∆LEV = 51 (∆V
LEVEL = 0.80 V) at ∆VRF = 20 dB (measured at
VRF = 200 µV and VRF =20 µV)
FM mode level start; LEV = 78 (VLEVEL = 1.47 V) at VRF =20 µV
AM mode level start; LEV = 63 (VLEVEL = 1.24 V) at VRF =20 µV
Fig 6.
IF counter in FM mode during and after AF update
001aab786
tuning for AF update
2 ms
2 ms
16 ms
time
I2C-bus
register
2 ms
4 ms
8 ms
16 ms
32 ms
2 ms
2 ms 2 ms
4 ms
8 ms
hold of counter result of f2 until read-out
read-out of counter result f2
2 ms 2 ms 2 ms 2 ms 2 ms 2 ms 2 ms
f1
2 ms
reset
counter time
reset
f1
f2
f2
f1
Table 9.
LEVEL - format of data byte 1
7
6
5
4
3
2
1
0
LEV7
LEV6
LEV5
LEV4
LEV3
LEV2
LEV1
LEV0
Table 10.
LEVEL - data byte 1 bit description
Bit
Symbol
Description
7 to 0
LEV[7:0]
level detector; this byte indicates the LEVEL voltage between
0.25 V (LEV = 0) and 4.25 V (LEV = 255) from the tuner part;
VLEVEL = 1⁄64LEV[7:0] + 0.25 V; see Figure 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com