Electronic Components Datasheet Search
  English  ▼

X  

TEF6902A Datasheet(PDF) 79 Page - NXP Semiconductors

Part # TEF6902A
Description  Integrated car radio
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEF6902A Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button TEF6902A Datasheet HTML 75Page - NXP Semiconductors TEF6902A Datasheet HTML 76Page - NXP Semiconductors TEF6902A Datasheet HTML 77Page - NXP Semiconductors TEF6902A Datasheet HTML 78Page - NXP Semiconductors TEF6902A Datasheet HTML 79Page - NXP Semiconductors TEF6902A Datasheet HTML 80Page - NXP Semiconductors TEF6902A Datasheet HTML 81Page - NXP Semiconductors TEF6902A Datasheet HTML 82Page - NXP Semiconductors TEF6902A Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 106 page
background image
TEF6902A_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 19 March 2008
79 of 106
NXP Semiconductors
TEF6902A
Integrated car radio
IP2
2nd-order intercept
point
RL = 1.5 kΩ (AC load between
output pins)
-
170
-
dB
µV
Vi(n)(eq)
equivalent input noise
voltage
Rgen = 330 Ω; noise of Rgen
included; RL = 1.5 kΩ
(AC load between output pins)
-15
22
F
noise figure of
AM mixer 2
-
16
19.5
dB
Ileak
mixer leakage current
FM mode;
Tamb = −40 °Cto+85 °C
--
10
µA
AM IF2 AGC stage: pins AMIF2IN and AMIF2DEC[5]
Ri
input resistance
1.6
2
2.4
k
Ω
Ci
input capacitance
-
5
-
pF
Vi
input voltage
for
α = −10 dB audio
attenuation at MPXAMOUT
-10
20
µV
VAGC(stop)
AGC stop voltage (input
carrier voltage)
100
-
-
mV
AM demodulator output: pin MPXAMOUT
Vsens
sensitivity voltage
m = 0.3; fmod = 400 Hz;
BAF = 2.15 kHz; Rgen =2kΩ
(S+N)/N = 26 dB
-
60
90
µV
(S+N)/N = 46 dB
-
600
900
µV
(S+N)/N
maximum signal plus
noise-to-noise ratio
m = 0.3; fmod = 400 Hz;
BAF = 2.15 kHz; Rgen =2kΩ
54
60
-
dB
Vo
MPXAMOUT output
voltage
m = 0.3; fmod = 400 Hz;
Vi = 100 µV to 100 mV
200
255
320
mV
THD
total harmonic distortion BAF = 2.15 kHz;
VAMIF2IN = 100 µV to 100 mV;
m = 0.8; fmod = 400 Hz
-
0.5
1
%
tst
AM AGC settling time
VAMIF2IN = 100 µV to 100 mV
-
165
-
ms
VAMIF2IN = 100 mV to 100 µV
-
440
-
ms
Ro
output resistance
-
-
500
Ω
Co
output capacitance
-
3
-
pF
ZL
load impedance
10
-
-
k
Ω
RR
ripple rejection
fripple = 100 Hz;
VCC(ripple) = 50 mV (RMS);
VAMIF2IN =10mV
20
26
-
dB
AM level detector output: pin LEVEL
Input: pins AMIF2IN and AMIF2DEC
LST
level start alignment
position
Vi(AMIF2IN) =95 µV; level slope
aligned to (800
± 50) mV/dec;
level start aligned to
VLEVEL = (1.24 ± 0.04) V
6
-
25
-
∆V
LEVEL
step size for adjustment
of level starting point
VAMIF2IN = 0 V; default setting
of level slope
20
40
72
mV
Table 110. Dynamic characteristics of the tuner …continued
VCC = 8.5 V; Tamb =25 °C; see Figure 41; all AC values are given in RMS; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
nV
Hz
----------
RR
V
CC(ripple)
V
MPXAMOUT
-----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com