Electronic Components Datasheet Search
  English  ▼

X  

ISL6366 Datasheet(PDF) 23 Page - Intersil Corporation

Part # ISL6366
Description  Dual 6-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6366 Datasheet(HTML) 23 Page - Intersil Corporation

Back Button ISL6366 Datasheet HTML 19Page - Intersil Corporation ISL6366 Datasheet HTML 20Page - Intersil Corporation ISL6366 Datasheet HTML 21Page - Intersil Corporation ISL6366 Datasheet HTML 22Page - Intersil Corporation ISL6366 Datasheet HTML 23Page - Intersil Corporation ISL6366 Datasheet HTML 24Page - Intersil Corporation ISL6366 Datasheet HTML 25Page - Intersil Corporation ISL6366 Datasheet HTML 26Page - Intersil Corporation ISL6366 Datasheet HTML 27Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
ISL6366
23
FN6964.0
January 3, 2011
1
1
1
1
0
0
1
0
F 2
1.4550
1
1
1
1
0
0
1
1
F 3
1.4600
1
1
1
1
0
1
0
0
F 4
1.4650
11
11
01
01
F 5
1.4700
11
11
01
10
F 6
1.4750
1
1
1
1
0
1
1
1
F 7
1.4800
1
1
1
1
1
0
0
0
F 8
1.4850
1
1
1
1
1
0
0
1
F 9
1.4900
1
1
1
1
1
0
1
0
F A
1.4950
1
1
1
1
1
0
1
1
F B
1.5000
1
1
1
1
1
1
0
0
F C
1.5050
11
11
11
01
F D
1.5100
11
11
11
10
F E
1.5150
1
1
1
1
1
1
1
1
F F
1.5200
TABLE 5. VR12/IMVP7 635mV OFFSET 8-BIT
OFS7 OFS6 OFS5 OFS4 OFS3 OFS2 OFS1 OFS0 HEX
VOLTAGE
(mV)
00
00
000
0
0 0
0
00
00
000
1
0 1
5
00
00
001
0
0 2
10
00
00
001
1
0 3
15
00
00
010
0
0 4
20
00
00
010
1
0 5
25
00
00
011
0
0 6
30
00
00
011
1
0 7
35
00
00
100
0
0 8
40
00
00
100
1
0 9
45
00
00
101
0
0 A
50
00
00
101
1
0 B
55
00
00
110
0
0 C
60
00
00
110
1
0 D
65
00
00
111
0
0 E
70
00
00
111
1
0 F
75
00
01
000
0
1 0
80
00
01
000
1
1 1
85
00
01
001
0
1 2
90
00
01
001
1
1 3
95
00
01
010
0
1 4
100
00
01
010
1
1 5
105
00
01
011
0
1 6
110
TABLE 4. VR12/IMVP7 VID 8-BIT
(Continued)
VID7 VID6 VID5 VID4 VID3 VID2 VID1 VID0 HEX
VOLTAGE
00
010
11
1
1 7
115
00
011
00
0
1 8
120
00
011
00
1
1 9
125
00
011
01
0
1 A
130
00
011
01
1
1 B
135
00
011
10
0
1 C
140
00
011
10
1
1 D
145
00
011
11
0
1 E
150
00
011
11
1
1 F
155
00
100
00
0
2 0
160
00
100
00
1
2 1
165
00
100
01
0
2 2
170
00
100
01
1
2 3
175
00
100
10
0
2 4
180
00
100
10
1
2 5
185
00
100
11
0
2 6
190
00
100
11
1
2 7
195
00
101
00
0
2 8
200
00
101
00
1
2 9
205
00
101
01
0
2 A
210
00
101
01
1
2 B
215
00
101
10
0
2 C
220
00
101
10
1
2 D
225
00
101
11
0
2 E
230
00
101
11
1
2 F
235
00
110
00
0
3 0
240
00
110
00
1
3 1
245
00
110
01
0
3 2
250
00
110
01
1
3 3
255
00
110
10
0
3 4
260
00
110
10
1
3 5
265
00
110
11
0
3 6
270
00
110
11
1
3 7
275
00
111
00
0
3 8
280
00
111
00
1
3 9
285
00
111
01
0
3 A
290
00
111
01
1
3 B
295
00
111
10
0
3 C
300
00
111
10
1
3 D
305
TABLE 5. VR12/IMVP7 635mV OFFSET 8-BIT
(Continued)
OFS7 OFS6 OFS5 OFS4 OFS3 OFS2 OFS1 OFS0 HEX
VOLTAGE
(mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com