Electronic Components Datasheet Search
  English  ▼

X  

TLE7276 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE7276
Description  Low Drop Linear Voltage Regulator 5V Fixed Output Voltage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7276 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE7276 Datasheet HTML 3Page - Infineon Technologies AG TLE7276 Datasheet HTML 4Page - Infineon Technologies AG TLE7276 Datasheet HTML 5Page - Infineon Technologies AG TLE7276 Datasheet HTML 6Page - Infineon Technologies AG TLE7276 Datasheet HTML 7Page - Infineon Technologies AG TLE7276 Datasheet HTML 8Page - Infineon Technologies AG TLE7276 Datasheet HTML 9Page - Infineon Technologies AG TLE7276 Datasheet HTML 10Page - Infineon Technologies AG TLE7276 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Table 5
Electrical Characteristics
V
I = 13.5 V; VINH = 5 V; -40 °C < Tj < 150 °C (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit
Measuring Condition
Min. Typ. Max.
Output Q
Output voltage
V
Q
4.9
5.0
5.1
V
0.1 mA <
I
Q < 300 mA;
6 V <
V
I < 16 V
Output voltage
V
Q
4.9
5.0
5.1
V
0.1 mA <
I
Q < 100 mA;
6 V <
V
I < 40 V
Output current limitation
I
Q
320
–
–
mA
1)
1) Measured when the output voltage
VQ has dropped 100 mV from the nominal value obtained at VI = 13.5 V.
Output current limitation
I
Q
–
–
800
mA
V
Q = 0V
Current consumption;
I
q = II - IQ
I
q
–
20
30
μA
I
Q = 0.1 mA;
T
j = 25 °C
Current consumption;
I
q = II - IQ
I
q
–
–
40
μA
I
Q = 0.1 mA;
T
j ≤ 80 °C
Quiescent current;
inhibited
I
q
–
5
9
μA
V
INH = 0 V;
T
j < 80 °C
Drop voltage
V
dr
–
250
500
mV
I
Q = 200 mA;
V
dr = VI - VQ
1)
Load regulation
ΔV
Q, lo
-40
15
40
mV
I
Q = 5 mA to 250 mA
Line regulation
ΔV
Q, li
-20
5
20
mV
V
l = 10V to 32 V;
I
Q = 5 mA
Power supply ripple
rejection
PSRR
–
60
–
dB
f
r = 100 Hz;
V
r = 0.5 Vpp
Temperature output
voltage drift
d
V
Q/dT
–
0.5
–
mV/K –
Output Capacitor
C
Q
470
–
–
nF
ESR < 3 Ohm
Inhibit Input INH
Turn-on Voltage
V
INH ON
3.1
–
–
V
VQ ≥ 4.9 V
Turn-off Voltage
V
INH OFF
–
–
0.8
V
VQ ≤ 0.3 V
H-input current
I
INH ON
–
3
4
μA
V
INH = 5 V
L-input current
I
INH OFF
–
0.5
1
μA
V
INH = 0 V;
T
j < 80 °C
TLE 7276
Data Sheet
7
Rev. 1.11, 2010-11-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com